Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3983H Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3983H
Description  Ultra-Low-Noise for RF Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983H Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3983H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LP3983H
LP3983H–00 Version 1.0 Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Pin Configurations
5
4
3
2
1
VOUT
VIN
GND
ADJ
EN
(MARKING)
6
5
4
3
2
1
VIN
BP
ADJ
VOUT
GND
EN
(MARKING)
Marking Information
Functional Pin Description
Pin Name
Pin NO.
Pin Function
SOT23-5
SOT23-6
VIN
1
1
Power Input Voltage.
GND
2
2
Ground.
EN
3
3
Chip Enable (Active High). There is an integrated pull low 1MΩ
resistor connected to GND when the control signal is floating.
ADJ
4
5
Adjustable pin.
BP
-
4
Reference Noise Bypass.
VOUT
5
6
Output Voltage.
Function Block Diagram
Device
Marking
Package
Shipping
LP3983H
SOT23-5
SOT23-6
3K/REEL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com