Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S3901 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S3901
Description  USB type plug DC Positive Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S3901 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S3901 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S3901 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S3901 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S3901 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S3901 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S3901 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S3901 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE71S3901
PE71S3901 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: USB Controlled High Isolation SPDT PIN Diode Switch 500 MHz to 40 GHz, 2.92mm
PE71S3901
USB Controlled High Isolation SPDT PIN Diode
Switch 500 MHz to 40 GHz, 2.92mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com