Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDZ2.0EV Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDZ2.0EV
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.0EV Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDZ2.0EV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.0EV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.0EV Datasheet HTML 3Page - KEC(Korea Electronics) KDZ2.0EV Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2014. 3. 31
1/4
SEMICONDUCTOR
TECHNICAL DATA
KDZ2.0EV~36EV
Revision No : 9
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
・Small Package : ESC
・Sharp Breakdown Characteristic.
MAXIMUM RATING (Ta=25
℃)
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
F
0.13 0.05
F
G
+
_
+
_
+
_
+
_
+
_
+
_
0.20 0.10
+
_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
150
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Grade
None
Y
**
Symbol
(Blank)
Grade **
Lot No.
* Mounted on a glass epoxy circuit board of 20
×20㎜,
pad dimension of 4
×4㎜.
Type No.
Marking
Type No.
Marking
Type No.
Marking
Type No.
Marking
KDZ2.0EV
2A
KDZ4.3EV
43
KDZ9.1EV
91
KDZ20EV
20
KDZ2.2EV
2B
KDZ4.7EV
47
KDZ10EV
10
KDZ22EV
22
KDZ2.4EV
2C
KDZ5.1EV
51
KDZ11EV
11
KDZ24EV
24
KDZ2.7EV
2D
KDZ5.6EV
56
KDZ12EV
12
KDZ27EV
27
KDZ3.0EV
30
KDZ6.2EV
62
KDZ13EV
13
KDZ30EV
A2
KDZ3.3EV
33
KDZ6.8EV
68
KDZ15EV
15
KDZ33EV
A3
KDZ3.6EV
36
KDZ7.5EV
75
KDZ16EV
16
KDZ36EV
A4
KDZ3.9EV
39
KDZ8.2EV
82
KDZ18EV
18
-
-


Similar Part No. - KDZ2.0EV

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ2.0EV KEC-KDZ2.0EV Datasheet
96Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
KDZ2.0EV KEC-KDZ2.0EV Datasheet
477Kb / 4P
SILICON EPITAXIAL PLANAR DIODE
KDZ2.0EV KEC-KDZ2.0EV Datasheet
557Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0EV KEC-KDZ2.0EV_07 Datasheet
477Kb / 4P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDZ2.0EV

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
360Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com