Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5686PVC Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV5686PVC
Description  Multi-Power Supply IC for Car Audio Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5686PVC Datasheet(HTML) 3 Page - ON Semiconductor

  LV5686PVC Datasheet HTML 1Page - ON Semiconductor LV5686PVC Datasheet HTML 2Page - ON Semiconductor LV5686PVC Datasheet HTML 3Page - ON Semiconductor LV5686PVC Datasheet HTML 4Page - ON Semiconductor LV5686PVC Datasheet HTML 5Page - ON Semiconductor LV5686PVC Datasheet HTML 6Page - ON Semiconductor LV5686PVC Datasheet HTML 7Page - ON Semiconductor LV5686PVC Datasheet HTML 8Page - ON Semiconductor LV5686PVC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LV5686PVC
No.A2122-3/14
Electrical Characteristics (1)
at Ta = 25°C, VCC = 14.4V (*1)
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICC
VDD No Load, EN/CTRL1/2 = ⎡L/L/L⎦
60
100
μA
EN (AUDIO, ILM, AMP, EXT1 control)
⎡L⎦ input voltage
VIL1
All: OFF
0
0.3
V
⎡M⎦ input voltage
VIM1
AUDIO, ILM, EXT1: ON
1.1
1.65
2.1
V
⎡H⎦ input voltage
VIM1
All: ON
2.7
3.3
5.5
V
Input impedance
RIN1
Input voltage
≤ 3.3V
280
400
520
k
Ω
CTRL1 (EXT2, EXT4 control)
⎡L⎦ input voltage
VIL2
All: OFF
0
0.3
V
⎡M⎦ input voltage
VIM2
EXT2: ON
1.1
1.65
2.1
V
⎡H⎦ input voltage
VIM2
All: ON
2.7
3.3
5.5
V
Input impedance
RIN2
Input voltage
≤ 3.3V
280
400
520
k
Ω
CTRL2 (ANT, EXT3 control)
⎡L⎦ input voltage
VIL3
All: OFF
0
0.3
V
⎡M⎦ input voltage
VIM3
ANT: ON
1.1
1.65
2.1
V
⎡H⎦ input voltage
VIM3
All: ON
2.7
3.3
5.5
V
Input impedance
RIN3
Input voltage
≤ 3.3V
280
400
520
k
Ω
VDD output 5V (reverse current prevention diode implemented)
VDD output voltage
VO1
IO1 = 200mA
4.75
5.0
5.25
V
VDD output current
IO1
VO1 > 4.7V
300
mA
Line regulation
ΔVOLN1
7.5V
< VCC < 16V, IO1 = 200mA
30
60
mV
Load regulation
ΔVOLD1
1mA
< IO1 < 200mA
70
140
mV
Dropout voltage
VDROP1
IO1 = 150mA
1.25
1.5
V
Ripple rejection
RREJ1
f = 120Hz, IO1 = 200mA
40
50
dB
VDD reverse current
Irev
VO1 = 5V, VCC = 0V
10
100
μA
ILM output 9.85V-ON ; EN =
⎡M⎦, ⎡H⎦
ILM output voltage
VO2
IO2 = 200mA
9.36
9.85
10.34
V
ILM output current
IO2
VO2 > 9.2V
300
mA
Line regulation
ΔVOLN2
12.5V
< VCC < 16V, IO2 = 200mA
30
60
mV
Load regulation
ΔVOLD2
1mA
< IO2 < 200mA
70
140
mV
Dropout voltage
VDROP2
IO2 = 200mA
1.0
1.5
V
Ripple rejection
RREJ2
f = 120Hz, IO2 = 200mA
40
50
dB
(*1) All the specification is defined based on the tests performed under the conditions where Tj and Ta(=25°C) are almost equal. These tests were performed
with pulse load to minimize the increase of junction temperature (Tj).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com