Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78D25AF Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA78D25AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25AF Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA78D25AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 10Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 11Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2014. 5. 13
8/11
KIA78D15AF~KIA78D05AF
Revision No : 0
Fig.9-2 DROPOUT VOLTAGE
(KIA78D05AF)
OUTPUT CURRENT (A)
Fig.9-1 DROPOUT VOLTAGE
(KIA78D33AF)
OUTPUT CURRENT (A)
0.00
0.0
0.2
0.40
0.20
1.0
0.8
0.6
0.4
0.60
0.80
1.00
0.00
0.0
0.2
0.40
0.20
1.0
0.8
0.6
0.4
0.60
0.80
1.00
Fig.10 PD -Ta (DPAK)
AMBIENT TEMPERATURE Ta ( C)
0
150
50
100
3
0
6
9
15
12
THERMAL RESISTANCE
J-C
12.5
J-A
125
C/W
PD2
PD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com