Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

378 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 378
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

378 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  378 Datasheet HTML 1Page - KEC(Korea Electronics) 378 Datasheet HTML 2Page - KEC(Korea Electronics) 378 Datasheet HTML 3Page - KEC(Korea Electronics) 378 Datasheet HTML 4Page - KEC(Korea Electronics) 378 Datasheet HTML 5Page - KEC(Korea Electronics) 378 Datasheet HTML 6Page - KEC(Korea Electronics) 378 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008. 6. 24
2/7
KIA378R05PI~KIA378R15PI
Revision No : 4
OUTPUT ON/OFF
CONTROL
-
+
1
4
2 Vo
VIN
GND
3
OVER HEAT
PROTECTION
ASO
PROTECTION
BANDGAP
REFERENCE
VC
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, IO=1.0A, Ta=25 , Note1.)
Note1) VIN of KIA378R05=7V
Note2) VIN of KIA378R05=6 12V
Note3) At VIN=0.95VO
"
KIA378R06=8V
"
KIA378R06=7
15V
"
KIA378R08=10V
"
KIA378R08=9
25V
"
KIA378R09=15V
"
KIA378R09=10
25V
"
KIA378R10=16V
"
KIA378R10=11
26V
"
KIA378R12=18V
"
KIA378R12=13
29V
"
KIA378R15=21V
"
KIA378R15=16
32V
BLOCK DIAGRAM
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA378R05
VO
-
4.88
5.0
5.12
V
KIA378R06
-
5.85
6.0
6.15
KIA378R08
-
7.80
8.0
8.2
KIA378R09
-
8.78
9.0
9.22
KIA378R10
-
9.75
10.0
10.25
KIA378R12
-
11.70
12.0
12.30
KIA378R15
-
14.70
15.0
15.30
Load Regulation
Reg Load
IO=5mA 3A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note 2)
-
0.5
2.5
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0
125
-
0.02
0.05
%/
Ripple Rejection
R
R
-
45
55
-
dB
Drop Out Voltage
VD
IO=3A
-
-
0.5
V
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
A
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
-
10
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com