Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KID65002AF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KID65002AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65002AF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KID65002AF Datasheet HTML 1Page - KEC(Korea Electronics) KID65002AF Datasheet HTML 2Page - KEC(Korea Electronics) KID65002AF Datasheet HTML 3Page - KEC(Korea Electronics) KID65002AF Datasheet HTML 4Page - KEC(Korea Electronics) KID65002AF Datasheet HTML 5Page - KEC(Korea Electronics) KID65002AF Datasheet HTML 6Page - KEC(Korea Electronics) KID65002AF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2014. 9. 16
1/7
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 12
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FEATURES
・Output Current : 500mA Max.
・High Sustaining Voltage Outputs : 50V Min.
・Output Clamp Diodes.
・Inputs Compatible With Various Types of Logic.
・PKG Type AP : DIP-16Pin, DIP-16Pin(1) AF : FLP-16Pin
DESCRIPTION:
The KID65001AP/AF Series are high-voltage, high-current
darlington transistor array comprised of seven NPN darlington pairs.
All units feature internal clamp diodes for switching inductive loads.
MAXIMUM RATINGS (Ta=25
℃, unless otherwise noted)
KID65001AP/AF~
KID65004AP/AF
BIPOLAR LINEAR INTEGRATED CIRCUIT
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Sustaining Voltage
VCE(SUS)
50
V
Output Current
IOUT
500
mA/ch
Input Voltage
IIN 1)
-0.5
~+30
V
Input Current
IIN 2)
25
mA
Clamp
Diode
Reverse Voltage
VR
50
V
Forward Current
IF
500
mA
GND Terminal Current
IGND
2.8
A
Power Dissipation
AP
PD
1.47
W
AF
0.54 /0.633)/1.254)
W
Operating Temperature
Topr
-40
~85
℃
Storage Temperature
Tstg
-55
~150
℃
TYPE
INPUT RESISTOR
DESIGNATION
KID65001AP/AF
No (External)
General Purpose
KID65002AP/AF
Zener Diode
7V+10.5k
Ω
14
~25V P-MOS
KID65003AP/AF
2.7k
Ω
TTL, 5V C-MOS
KID65004AP/AF
10.5k
Ω
6
~15V P-MOS, C-MOS
1) Except KID65001AP/AF
2) Only KID65001AP/AF
3) On PCB(30
×30×1.6mm, Cu 50%)
4) On PCB (Test Board : JEDEC 2s2p)


Similar Part No. - KID65002AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65002AF KEC-KID65002AF Datasheet
812Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65002AFV KEC-KID65002AFV Datasheet
509Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
More results

Similar Description - KID65002AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com