Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB30_PUMB30 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMB30_PUMB30
Description  PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB30_PUMB30 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMB30_PUMB30_15 Datasheet HTML 1Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 2Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 3Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 4Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 5Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 6Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 7Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 8Page - NXP Semiconductors PEMB30_PUMB30_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PEMB30_PUMB30_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 September 2009
3 of 10
NXP Semiconductors
PEMB30; PUMB30
PNP/PNP double resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
−50
V
VCEO
collector-emitter voltage
open base
-
−50
V
VEBO
emitter-base voltage
open collector
-
−5V
IO
output current
-
−100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
200
mW
SOT666
[1][2] -
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
300
mW
SOT666
[1][2] -
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT363
[1] -
-
625
K/W
SOT666
[1][2] -
-
625
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT363
[1] -
-
416
K/W
SOT666
[1][2] -
-
416
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com