Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPM3401 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPM3401
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPM3401 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPM3401 Datasheet HTML 1Page - Lowpower Semiconductor inc LPM3401 Datasheet HTML 2Page - Lowpower Semiconductor inc LPM3401 Datasheet HTML 3Page - Lowpower Semiconductor inc LPM3401 Datasheet HTML 4Page - Lowpower Semiconductor inc LPM3401 Datasheet HTML 5Page - Lowpower Semiconductor inc LPM3401 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LPM3401
LPM3401 – 00 Version 1.0 Datasheet
Dec.-2011
www.lowpowersemi.com
Page 1 of 6
LPM3401
-
-20V/4.2A
P-Channel Enhancement Mode Field Effect Transistor
General Description
The LPM3401 is the P-channel logic enhancement
mode power field effect transistors are produced using
high cell density, DMOS trench technology.
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application, notebook computer power management
and other battery powered circuits where high-side
switching.
Ordering Information
LPM3401
□ □
F: Pb-Free
Package Type
B3: SOT23
Features
■ -20V/-4.2A,RDC(ON)54mΩ(typ.)@VGS=-2.5V
■ -20V/-3.0A,RDC(ON)60mΩ(typ.)@VGS=-4.5V
Super high density cell design for extremely
low RDC(ON)
SOT23 Package
Applications
Portable Media Players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Marking Information
XXX : The production cycle and the batch.
Pin Configurations
Device
Marking
Package
Shipping
LPM3401B3F A1XXX
SOT23-3
3K/REEL
SOT23L(Top View)


Similar Part No. - LPM3401

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
These devices are particularly suitable for low voltage
More results

Similar Description - LPM3401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com