Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF50N60KDA Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KGF50N60KDA
Description  High speed switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KGF50N60KDA Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KGF50N60KDA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KGF50N60KDA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KGF50N60KDA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KGF50N60KDA_15 Datasheet HTML 4Page - KEC(Korea Electronics) KGF50N60KDA_15 Datasheet HTML 5Page - KEC(Korea Electronics) KGF50N60KDA_15 Datasheet HTML 6Page - KEC(Korea Electronics) KGF50N60KDA_15 Datasheet HTML 7Page - KEC(Korea Electronics) KGF50N60KDA_15 Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2013. 8. 19
3/8
KGF50N60KDA
Revision No : 2
ELECTRICAL CHARACTERISTIC OF DIODE
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Diode Forward Voltage
VF
IF = 50A
TC=25℃
-
1.8
2.5
V
TC=125℃
-
1.9
-
Diode Reverse Recovery Time
trr
IF = 50A
di/dt = 600A/
μs
TC=25℃
-
100
-
ns
TC=125℃
-
175
-
Diode Peak Reverse Recovery Current
Irr
TC=25℃
-
19
-
A
TC=125℃
-
22
-
Diode Reverse Recovery Charge
Qrr
TC=25℃
-
1.1
-
μC
TC=125℃
-
2.3
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com