Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8596 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8596
Description  I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8596 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8596_15 Datasheet HTML 17Page - NXP Semiconductors TDA8596_15 Datasheet HTML 18Page - NXP Semiconductors TDA8596_15 Datasheet HTML 19Page - NXP Semiconductors TDA8596_15 Datasheet HTML 20Page - NXP Semiconductors TDA8596_15 Datasheet HTML 21Page - NXP Semiconductors TDA8596_15 Datasheet HTML 22Page - NXP Semiconductors TDA8596_15 Datasheet HTML 23Page - NXP Semiconductors TDA8596_15 Datasheet HTML 24Page - NXP Semiconductors TDA8596_15 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
TDA8596_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 8 November 2007
21 of 48
NXP Semiconductors
TDA8596
I2C-bus controlled 4
× 45 W power amplifier with symmetrical inputs
8.1 Instruction bytes
I2C-bus mode:
• If R/W bit = 0, the TDA8596 expects 3 instruction bytes: IB1, IB2 and IB3
• After a power-on reset, all instruction bits are set to logic 0
Legacy mode:
• The settings are equal to the condition with all instruction bits set to logic 0 (see
Table 8), with the exception of IB1[D0] bit that is ignored in legacy mode.
Fig 16. I2C-bus read and write modes
001aac649
ACK
MSB
− 1
MSB
− 1
MSB
MSB
LSB + 1
LSB
LSB + 1
12
78912
789
12
78912
789
: generated by master (microcontroller)
To stop the transfer, after the last acknowledge (A)
a STOP condition (P) must be generated
To stop the transfer, the last byte must not be acknowledged
and a STOP condition (P) must be generated
: generated by slave
: START
: STOP
: acknowledge
: read / write
S
P
A
R/W
: not acknowledge
NA
SCL
SDA
SCL
SDA
ACK
ACK
MSB
MSB
− 1
MSB
MSB
− 1
LSB + 1
LSB
LSB + 1
ACK
S
A
A
AP
NA
P
ADDRESS
WRITE DATA
READ DATA
W
S
ADDRESS
R
I2C-BUS WRITE
I2C-BUS READ
Table 8.
Instruction byte IB1
Bit
Description
D7
don’t care
D6
channel 3 clip information on DIAG or STB pin
0 = clip information on DIAG pin
1 = clip information on STB pin
D5
channel 1 clip information on DIAG or STB pin
0 = clip information on DIAG pin
1 = clip information on STB pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com