Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF240 Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # ADF240
Description  Protections: Short Circuit / Overload / Over Voltage / Over Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ADF240 Datasheet(HTML) 4 Page - Arch Electronics Corp.

  ADF240 Datasheet HTML 1Page - Arch Electronics Corp. ADF240 Datasheet HTML 2Page - Arch Electronics Corp. ADF240 Datasheet HTML 3Page - Arch Electronics Corp. ADF240 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VER : A_3
update : 2015.05.22
AC-DC Din Rail Power Supply
ADF240
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
EFFICIENCY VERSUS LOAD
ADF240-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
86.94
89.84
91.78
92.51
92.85
Load (%)
10
20
30
40
50
115V (%)
78.86
85.35
87.41
87.97
88.71
230V (%)
78.31
84.52
87.67
89.21
86.93
Load (%)
60
70
80
90
100
115V (%)
88.84%
88.79
88.78
88.83
89.84
230V (%)
90.78
90.35
90.96
90.97
92.51
83.00%
84.00%
85.00%
86.00%
87.00%
88.00%
89.00%
90.00%
91.00%
92.00%
93.00%
94.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ADF240-48S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
88.36
90.70
92.88
93.55
93.75
Load (%)
10
20
30
40
50
115V (%)
80.98
84.32
86.83
88.35
88.76
230V (%)
77.61
83.13
87.21
89.13
90.42
Load (%)
60
70
80
90
100
115V (%)
89.25
89.56
89.73
89.85
90.70
230V (%)
90.83
91.42
91.85
92.45
93.55
85.00%
86.00%
87.00%
88.00%
89.00%
90.00%
91.00%
92.00%
93.00%
94.00%
95.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com