Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC15 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # MFC15
Description  Switching Power Module for PCB Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MFC15 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  MFC15 Datasheet HTML 1Page - Arch Electronics Corp. MFC15 Datasheet HTML 2Page - Arch Electronics Corp. MFC15 Datasheet HTML 3Page - Arch Electronics Corp. MFC15 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : A_1
update : 2015.02.12
AC-DC Power Module
MFC15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
MFC15-5S
MFC15-9S
MFC15-12S
MFC15-15S
MFC15-24S
Safety
Approval
cUL/UL 60950-1,
ANSI/AAMI ES 60601-1: 2005, 1st Edition and CAN/CSA-C22.2 No. 60601-1:08, 2nd
Edition, 2XMOPP (Pending)
Conducted and radiated EMI
EN55011 (Pending)
ESD
EN61000-4-2 air ± 8kV , Contact ± 4Kv
(Pending)
Radiated Immunity
EN61000-4-3 10V/m
(Pending)
Fast Transient
EN61000-4-4 ± 2kV
(Pending)
Surge
EN61000-4-5 ±1kV
(Pending)
Conducted Immunity
EN61000-4-6 10Vrms
(Pending)
PFMF
EN61000-4-8 30A/m
(Pending)
Dips
EN61000-4-11 30% 10ms
(Pending)
EMC
Interruption
EN61000-4-11 >95% 5000ms
(Pending)
NOTE
1. This product is not designed for use in critical life support systems, equipment used in hazardous environment,
nuclear control systems or other such applications which necessitate specific safety and regulatory standards
other the ones listed in this datasheet.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
3. Safety approvals cover frequency 47-63 Hz.
4. That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
5. It's recommended to add Varistor 14S471K at L / N input side in parallel.
6. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
MECHANICAL DIMENSION
PIN#
Single
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
-DC OUT
Maximum Torque 12{1.21} (kgf.cm{N.m})



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com