Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG528CWN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG528CWN
Description  8-Channel Latchable Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG528CWN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG528CWN Datasheet HTML 4Page - Maxim Integrated Products DG528CWN Datasheet HTML 5Page - Maxim Integrated Products DG528CWN Datasheet HTML 6Page - Maxim Integrated Products DG528CWN Datasheet HTML 7Page - Maxim Integrated Products DG528CWN Datasheet HTML 8Page - Maxim Integrated Products DG528CWN Datasheet HTML 9Page - Maxim Integrated Products DG528CWN Datasheet HTML 10Page - Maxim Integrated Products DG528CWN Datasheet HTML 11Page - Maxim Integrated Products DG528CWN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
8-Channel Latchable Multiplexers
_______________________________________________________________________________________
9
RESET
WR
CS
ADDRESS
BUS
±15V
ANALOG
INPUTS
1-OF-8
ANALOG
INPUTS
V+
+5V
-15V
+15V
V-
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
WR
RS
EN
A2
A1
A0
ADDRESS
DECODER
DATA BUS
MICROPROCESSOR
SYSTEM
BUS
7432
Figure 9. Bus Interface
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
RS
A1
GND
V+
S1B
S2B
S3B
S4B
DB
WR
A0
EN
V-
S1A
S2A
S3A
S4A
DA
TOP VIEW
10
9
DIP/SO
LCC/PLCC
DG529
14
15
16
17
18
4
5
6
7
8
DG528
EN
VSS
S1
S2
S3
A2
GND
VDD
S5
S6
LCC/PLCC
14
15
16
17
18
4
5
6
7
8
DG529
EN
VSS
S1A
S2A
S3A
GND
VDD
S1B
S2B
S3B
N.C. = NO CONNECT
_____________________________________________Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com