Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG308 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG308
Description  Quad, SPST Analog Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG308 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG308 Datasheet HTML 1Page - Maxim Integrated Products DG308 Datasheet HTML 2Page - Maxim Integrated Products DG308 Datasheet HTML 3Page - Maxim Integrated Products DG308 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Quad, SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+ ....................................................................................+44V
GND .................................................................................+25V
Digital Inputs VS, VD................(V- - 2V) to (V+ + 2V) or 20mA,
whichever occurs first
Current into Any Terminal (except S or D) ..........................30mA
Continuous Current (S or D)................................................20mA
Peak Current (S or D)
(pulsed at 1ms, 10% duty cycle max) ............................70mA
Continuous Power Dissipation (TA = +70°C) (Note 1)
Plastic DIP (derate 10.53mW/°C above +70°C)............842mW
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
CERDIP (derate 10.00mW/°C above +70°C) ................800mW
Operating Temperature Ranges
DG308AC_/DG309C_ .........................................0°C to +70°C
DG308AD_/DG309D_ ......................................-40°C to +85°C
DG308AAK/DG309AK ...................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
TA = +25°C,
TMIN
TA = +25°C
TA = +25°C,
TMAX
TA = +25°C,
TMAX
TA = TMAX
TA = TMAX
TA = +25°C
TA = TMAX
TA = +25°C
CONDITIONS
µA
-1
-0.001
1
IINL
Input Current with
Input Voltage Low
µA
-1
0.001
1
IINH
Input Current with
Input Voltage High
60
100
V
-15
15
VANALOG
Analog Signal Range
nA
-100
100
IS(OFF)
Source-Off
Leakage Current
Ω
95
150
rDS(ON)
Drain-Source
On-Resistance
-1
0.1
1
-100
100
-1
-0.1
1
UNITS
DG30_AK
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 0V
VIN = 15V
VIN = 3.5V (DG308A),
VIN = 11V (DG309),
VS = -14V, VD = 14V
VIN = 11V (DG308A),
VIN = 3.5V (DG309),
IS = 1mA,
VD = 10V or -10V
VIN = 3.5V (DG308A),
VIN = 11V (DG309),
VS = 14V, VD = -14V
TA = TMAX
TA = +25°C
TA = TMAX
TA = +25°C
nA
-100
100
ID(OFF)
Drain-Off
Leakage Current
-1
0.1
1
-100
100
VIN = 3.5V (DG308A),
VIN = 11V (DG309),
VS = -14V, VD = 14V
-1
0.1
1
VIN = 3.5V (DG308A),
VIN = 11V (DG309),
VS = 14V, VD = -14V
TA = TMAX
TA = +25°C
TA = TMAX
TA = +25°C
nA
-200
200
ID(ON)
Drain-On
Leakage Current
-2
0.1
2
-200
200
VIN = 11V (DG308A),
VIN = 3.5V (DG309),
VS = VD = -14V
-2
0.1
2
VIN =11V (DG308A),
VIN = 3.5V (DG309),
VS = VD = +14V
-200
200
-1
0.001
1
-1
0.001
1
-5
0.1
5
-200
200
-5
0.1
5
60
100
-15
15
-100
100
80
125
-5
0.1
5
-100
100
-5
0.1
5
DG30_C/D
MIN
TYP
MAX
-100
100
-5
0.1
5
-100
100
-5
0.1
5
SWITCH
INPUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com