Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG301ACK Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG301ACK
Description  TTL Compatible CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG301ACK Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG301ACK Datasheet HTML 1Page - Maxim Integrated Products DG301ACK Datasheet HTML 2Page - Maxim Integrated Products DG301ACK Datasheet HTML 3Page - Maxim Integrated Products DG301ACK Datasheet HTML 4Page - Maxim Integrated Products DG301ACK Datasheet HTML 5Page - Maxim Integrated Products DG301ACK Datasheet HTML 6Page - Maxim Integrated Products DG301ACK Datasheet HTML 7Page - Maxim Integrated Products DG301ACK Datasheet HTML 8Page - Maxim Integrated Products DG301ACK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TTL Compatible CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +15V, V- = -15V, GND = 0V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to V-
V+ (DG300–DG303)...............................................................36V
V+ (DG300A–DG303A) ..........................................................44V
GND .......................................................................................25V
Digital Inputs, VS, VD, (Note 1).......................-4V to (V+ + 4V) or
30mA, whichever occurs first
Current, Any Terminal Except S or D ..................................30mA
Continuous Current, S or D .................................................30mA
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Storage Temperature (A & B suffix)...................-65°C to +150°C
(C suffix) .........................-65°C to +125°C
Operating Temperature (A suffix) ......................-55°C to +125°C
(B suffix) ........................-25°C to +85°C
(C suffix) ...........................0°C to +70°C
Lead Temperature (soldering 10s) ..................................+300°C
Power Dissipation*
Cerdip (K) (derate 11mW/°C above +75°C) ....................825mW
Plastic DIP (J) (derate 6.5mW/°C above +25°C) .............470mW
Metal Can (A) (derate 6mW/°C above +75°C).................450mW
*Device mounted with all leads soldered or welded to PC board.
DG300–DG303A
DG300A–DG303AA
DG300–DG303B/C
DG300A–DG303AB/C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
UNITS
Analog Signal Range
VANALOG IS = 10mA, VIN = 0.8V or 4.0V
-15
+15
-15
+15
V
IS = -10mA, VD = 10V
30
50
30
50
Drain-Source
ON-Resistance
RDS(ON)
IS = -10mA, VD = -10V
30
50
30
50
Ω
VS = 14V, VD = -14V
0.1
1
0.1
5
Source OFF-
Leakage Current
IS(OFF)
VS = -14V, VD = 14V
-1
-0.1
-5
-0.1
nA
VS = -14V, VD = 14V
0.1
1
0.1
5
Drain OFF-
Leakage Current
ID(OFF)
VS = 14V, VD = -14V
-1
-0.1
-5
-0.1
nA
VD = VS = 14V
0.1
2
0.1
5
Drain ON-
Leakage Current
ID(ON)
VIN = 0.8V
or
VIN = 0.8V
VD = VS = -14V
-2
-0.1
-5
-0.1
nA
VIN = 5.0V
-1
-0.001
-1
-0.001
Input Current/
Voltage High
IINH
VIN = 15V
0.001
1
0.001
1
µA
Input Current/
Voltage Low
IINL
VIN = 0V
-1
-0.001
-1
-0.001
µA
Turn-ON Time
tON
150
300
150
300
ns
Turn-OFF Time
tOFF
See Switching Time Test Circuit
130
250
130
250
ns
Break-Before-Make
Interval
tON - tOFF
See Break-Before-Make Time Test
Circuit, DG301(A)/DG303(A) only
50
50
ns
Charge Injection
Q
CL = 10nF, RGEN = 0
Ω, VGEN = 0V
12
12
pC
Source OFF-
Capacitance
CS(OFF)
VS = 0V
14
14
pF
Drain OFF-
Capacitance
CD(OFF)
VD = 0V
14
14
pF
Channel ON-
Capacitance
CD(ON) +
CS(ON)
f = 1MHz,
VIN = 0.8V
or
VIN = 4.0V
VS = VD = 0V
40
40
pF
VIN = 0V
6
6
Input Capacitance
CIN
f = 1MHz
VIN = 15V
7
7
pF
Off-Isolation (Note 4)
62
62
dB
Crosstalk
(Channel-to-Channel)
VIN = 0V, RL = 1k
Ω
VS = 1VRMS, f = 500kHz
74
74
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com