Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ICL7650C/D
Description  Chopper-Stabilized Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7650C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  ICL7650C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7650C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Chopper-Stabilized Op Amps
_______________________________________________________________________________________
5
0
1
2
3
-50
25
50
-25
0
75
100
125
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
0
2
1
4
3
5
6
7
8
02
3
1
45678
COMMON-MODE INPUT VOLTAGE RANGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
POSITIVE LIMIT
NEGATIVE LIMIT
0
-2
-6
-4
-8
-10
10
100
1k
10k
INPUT OFFSET VOLTAGE
vs. CHOPPING FREQUENCY
CHOPPING FREQUENCY (CLOCK OUT) (Hz)
3
1
2
-1
0
-2
-3
48
10
6
121416
INPUT OFFSET VOLTAGE CHANGE
vs. SUPPLY VOLTAGE
TOTAL SUPPLY VOLTAGE (V)
0
1
3
2
4
5
10
100
1k
10k
10Hzp-p NOISE VOLTAGE
vs. CHOPPING FREQUENCY
CHOPPING FREQUENCY (CLOCK-OUT) (Hz)
20
60
40
100
80
140
120
160
0.01
1
10
0.1
100
1k
10k
100k
OPEN-LOOP GAIN AND PHASE SHIFT
vs. FREQUENCY
ICL7650toac09
FREQUENCY (Hz)
110
130
70
90
50
RL = 10k
Ω
CEXT = 0.1
µF
20
60
40
100
80
140
120
160
0.01
1
10
0.1
100
1k
10k
100k
OPEN-LOOP GAIN AND PHASE SHIFT
vs. FREQUENCY
ICL7650toac10
FREQUENCY (Hz)
110
130
70
90
50
RL = 10k
Ω
CEXT = 1.0
µF
-3
-2
-1
0
1
2
3
-1.0
0
-0.5
0.5
1.0
1.5
2.0
2.5
3.0
VOLTAGE FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
TIME (
µs)
CLOCK OUT HIGH
CLOCK OUT LOW
-3
-2
-1
0
1
2
3
-1.0
0
-0.5
0.5
1.0
1.5
2.0
2.5
3.0
VOLTAGE FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
TIME (
µs)
CLOCK OUT HIGH
CLOCK OUT LOW
Typical Operating Characteristics (continued)
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com