Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7665AC/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # ICL7665AC/D
Description  Microprocessor Voltage Monitor with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665AC/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button ICL7665AC/D Datasheet HTML 4Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 5Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 6Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 7Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 8Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 9Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 10Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 11Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
ICL7665
OUT2
OUT1
SET1
SET2
HYST2
HYST1
R31
22M
22M
100k
POWER OK
301k
R11
49.9k
V+
+5V
-5V
-15V
787k
+5V
+15V
R21A
274k
R21B
1.02M
+5V
HYST1
SET1
HYST2
SET2
GND
OUT2
V+
V+
OUT1
OUT2
SHDN
SENSE
ICL7663
ICL7665
GND
LOW-BATTERY WARNING
LOW-BATTERY SHUTDOWN
+5V, 1A
OUTPUT
R31
OUT1
SET
R21
R11
R32
R22
R12
1M
100
Ω
Figure 8. Low-Battery Warning and Low-Battery Disconnect
Figure 7. Multiple-Supply Fault Monitor
HYST1
SET1
HYST2
SET2
ICL7665
V+
UNREGULATED
DC INPUT
BACK-UP
BATTERY
RESET
OR
WRITE
ENABLE
POWER-FAIL WARNING
4700µF
470µF
2.2M
1M
5.6M
715k
130k
22M
OUT2
OUT1
5V, 1A
OUTPUT
7805
5V REGULATOR
HYST1
SET1
HYST2
SET2
OUT1
OUT2
ICL7665
V+
7805
5V REGULATOR
10VAC
60Hz
20V CENTER
TAPPED TRANS
4700
µF
R2
1M
681k
Q1
R3
1M
C1
R1
+5V
POWER-FAIL
WARNING
100k
5V, 1A
Figure 9. Power-Fail Warning and Power-Up/Power-Down Reset
Figure 10. AC Power-Fail and Brownout Detector
ICL7665
OUT1
OUT2
SET2
SET1
+5V SUPPLY
HYST1
HYST2
V+
13M
5%
7.5M
5%
249k
324k
100k
100k
OVERVOLTAGE
DETECTOR
VU ≈ 5.55V
VL ≈ 5.45V
UNDERVOLTAGE
DETECTOR
VU ≈ 4.55V
VL ≈ 4.45V
POWER OK
Figure 6. Fault Monitor for a Single Supply
10
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com