Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # ICL7650B
Description  Chopper-Stabilized Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7650B Datasheet(HTML) 4 Page - Maxim Integrated Products

  ICL7650B Datasheet HTML 1Page - Maxim Integrated Products ICL7650B Datasheet HTML 2Page - Maxim Integrated Products ICL7650B Datasheet HTML 3Page - Maxim Integrated Products ICL7650B Datasheet HTML 4Page - Maxim Integrated Products ICL7650B Datasheet HTML 5Page - Maxim Integrated Products ICL7650B Datasheet HTML 6Page - Maxim Integrated Products ICL7650B Datasheet HTML 7Page - Maxim Integrated Products ICL7650B Datasheet HTML 8Page - Maxim Integrated Products ICL7650B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
-30
-10
-20
1
0
3
2
4
26
8
4
10121416
MAXIMUM OUTPUT CURRENT
vs. SUPPLY VOLTAGE
TOTAL SUPPLY VOLTAGE (V)
SOURCE CURRENT
SINK CURRENT
1k
100
10
1
0.1
25
75
50
100
125
150
CLOCK RIPPLE REFERRED TO INPUT
vs. TEMPERATURE
TEMPERATURE (
°C)
BROADBAND
NOISE
(AV = 1000)
0.1
µF
1
µF
0
1
2
3
48
10
6
121416
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
TOTAL SUPPLY VOLTAGE (V)
Typical Operating Characteristics
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
Chopper-Stabilized Op Amps
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—ICL7650/ICL7653 (continued)
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.) (Note 5)
CL = 50pF, RL = 10k
Ω
f = 10Hz
RS = 100
Ω, f = 0 to 10Hz
V+ to V- = ±3V to ±8V
CMVR = -5V to +2.5V
%
CONDITIONS
µs
0.2
tr
Rise Time
V/µs
2.5
SR
Slew Rate
MHz
2.0
GBW
Unity-Gain Bandwidth
pA/
√Hz
0.01
In
Input Noise Current
µVp-p
2
enp-p
Input Noise Voltage
dB
120
130
PSRR
Power-Supply Rejection Ratio
dB
120
130
CMRR
Common-Mode Rejection Ratio
20
Overshoot
V
4.5
16
V+ to V-
Operating Supply Range
No load
mA
1.2
2.0
ISUPP
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Pins 13 and 14 open (DIP)
Hz
120
200
375
fCLKOUT
Internal Chopping Frequency
RL = 100k
Ω
µA
25
70
200
Clamp On Current (Note 4)
-4.0
≤ VOUT ≤ +4.0V
pA
1
Clamp Off Current (Note 4)
nV/
√month
100
Offset Voltage vs. Time
Note 3: OUTPUT and CLAMP pins not connected.
Note 4: See Output Clamp section for details.
Note 5: All pins are designed to withstand electrostatic discharge (ESD) levels in excess of 2000V (MIL STD 8838 Method 3015.1
test circuit).
Note 6: Sample tested. Limits are not used to calculate outgoing quality level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com