Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1011 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1011
Description  Low-Power, 90Msps, 6-Bit ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1011 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1011 Datasheet HTML 1Page - Maxim Integrated Products MAX1011 Datasheet HTML 2Page - Maxim Integrated Products MAX1011 Datasheet HTML 3Page - Maxim Integrated Products MAX1011 Datasheet HTML 4Page - Maxim Integrated Products MAX1011 Datasheet HTML 5Page - Maxim Integrated Products MAX1011 Datasheet HTML 6Page - Maxim Integrated Products MAX1011 Datasheet HTML 7Page - Maxim Integrated Products MAX1011 Datasheet HTML 8Page - Maxim Integrated Products MAX1011 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
_______________Detailed Description
Converter Operation
The MAX1011 integrates a 6-bit analog-to-digital con-
verter (ADC), a buffered voltage reference, and oscilla-
tor circuitry. The ADC uses a flash conversion technique
to convert an analog input signal into a 6-bit parallel
digital output code. The MAX1011’s unique design
includes 63 fully differential comparators and a propri-
etary encoding scheme that ensures no more than
1LSB dynamic encoding error. The control logic inter-
faces easily to most digital signal processors (DSPs)
and microprocessors (µPs) with +3.3V CMOS-compati-
ble logic interfaces. Figure 1 shows the MAX1011 in a
typical application.
Programmable Input Amplifier
The MAX1011 has a programmable-gain input amplifier
with a -0.5dB bandwidth of 55MHz and a true differen-
tial input. To maximize performance in high-speed
systems, the amplifier has less than 3pF of input
capacitance. The input amplifier gain is programmed
via the GAIN pin to provide three possible input full-
scale ranges (FSRs) as shown in Table 1.
Single-ended and differential AC-coupled input circuit
examples are shown in Figures 2 and 3. Each of the
Low-Power, 90Msps, 6-Bit ADC
_______________________________________________________________________________________
5
Pin Description
PIN
Gain-Select Input. Sets input full-scale range: 125/250/500mVp-p (Table 1).
GAIN
1
FUNCTION
NAME
Positive Offset-Correction Compensation. Connect a 0.22µF capacitor for AC-coupled inputs. Ground
pin 2 for DC-coupled inputs.
OCC+
2
Noninverting Analog Input
IN+
4
Negative Offset-Correction Compensation. Connect a 0.22µF capacitor for AC-coupled inputs. Ground
pin 3 for DC-coupled inputs.
OCC-
3
+5V ±5% Supply. Bypass with a 0.01µF capacitor to GND (pin 9).
VCC
6
Analog Ground
GND
9, 10,
12, 13
Inverting Analog Input
IN-
5
+5V ±5% Supply. Bypass with a 0.01µF capacitor to GND (pin 10).
VCC
11
Digital Clock Output. Frames the output data.
DCLK
18
Digital Output Supply, +3.3V ±300mV. Bypass with a 47pF capacitor to OGND (pin 16).
VCCO
17
Digital Outputs 0–5. D5 is the most significant bit (MSB).
D0–D5
19–24
250
Open
125
VCC
GAIN
500
GND
INPUT FULL-SCALE RANGE
(mVp-p)
Table 1. Input Amplifier Programming
Positive Oscillator/Clock Input
TNK+
7
Negative Oscillator/Clock Input
TNK-
8
No Connection
N.C.
15
Digital Output Ground
OGND
16
+5V ±5% Supply. Bypass with a 0.01µF capacitor to GND (pin 13).
VCC
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com