Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4063DPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRGP4063DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4063DPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRGP4063DPBF Datasheet HTML 3Page - International Rectifier IRGP4063DPBF Datasheet HTML 4Page - International Rectifier IRGP4063DPBF Datasheet HTML 5Page - International Rectifier IRGP4063DPBF Datasheet HTML 6Page - International Rectifier IRGP4063DPBF Datasheet HTML 7Page - International Rectifier IRGP4063DPBF Datasheet HTML 8Page - International Rectifier IRGP4063DPBF Datasheet HTML 9Page - International Rectifier IRGP4063DPBF Datasheet HTML 10Page - International Rectifier IRGP4063DPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 www.irf.com
© 2013 International Rectifier
March 15, 2013
IRGP4063DPbF/IRGP4063D-EPbF
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial market.
Qualification Standards can be found on IR’s Web site.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd.., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
TO-247AD Package Outline
Dimensions are shown in millimeters (inches)
TO-247AD Part Marking Information
ASSE M B L Y
Y E AR 0 = 200 0
AS S E M B L E D ON W W 3 5 , 20 00
IN T H E AS S E M B L Y L IN E "H "
E X AM P L E : T H IS IS AN IR G P 3 0 B 1 2 0 K D -E
L O T C O D E 56 57
WIT H AS S E M B L Y
PAR T N U M B E R
DAT E C O D E
IN T E R N AT IO N AL
R E C T IF IE R
LO G O
03 5H
5 6
5 7
W EEK 3 5
LIN E H
LO T C O D E
N ote: "P " in as s em bly lin e pos ition
in dicates "L ead-F ree"
TO-247AD package is not recommended for Surface Mount Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com