Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-425P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-425P8
Description  GaAs Enchancement-mode PHEMT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-425P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-425P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MGA-425P8 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
DS
Drain – Supply Voltage[2]
V
5
I
DS
Drain Current[2]
A
100
P
diss
Total Power Dissipation [3]
W
0.5
P
in max.
RF Input Power
dBm
13
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
θ
ch_b
Thermal Resistance[4]
°C/W
34.2
Notes:
1. Operation of this device above any
one of these parameters may cause per-
manent damage.
2. Assuming DC quiescent conditions.
3. Board (package belly) temperature T
B is
25°C. Derate 29 mW/°C for T
B > 133 °C.
4. Channel-to-board thermal resistance mea-
sured using 150°C Liquid Crystal Measure-
ment method.
Product Consistency Distribution Charts at 5.25 GHz, 3.3V RBias = 680Ω[5,6]
Notes:
5. Distribution data sample size is 500
samples taken from 3 different wafers and
3 different lots. Future wafers allocated
to this product may have nominal values
anywhere between the upper and lower
limits.
6. Measurements are made on production
test board, which represents a trade-off
between optimal OIP3, P1dB, Gain and
VSWR. Circuit losses have been de-embed-
ded from actual measurements.
OIP3 (dBm)
Figure 1. OIP3;
LSL = 29 dBm, Nominal = 32.9 dBm.
29
31
33
35
37
150
120
90
60
30
0
Stdev = 0.9
-3 Std
GAIN (dB)
Figure 2. GAIN;
LSL = 14.5 dB, Nominal = 16 dB, USL= 17.5 dB.
14.8
15.3
15.8
16.3
16.8
17.3
180
150
120
90
60
30
0
Stdev = 0.28
-3 Std
+3 Std
P1dB (dBm)
Figure 4. P1dB;
LSL = 18.25 dBm, Nominal = 20.3 dBm.
18.3
19.3
20.3
21.3
22.3
240
200
160
120
80
40
0
Stdev = 0.46
-3 Std
PAE (%)
Figure 5. PAE;
LSL = 33.5 %, Nominal = 47 %.
34
39
44
49
54
59
180
150
120
90
60
30
0
Stdev = 3
-3 Std
IDS (mA)
Figure 3. IDS;
LSL = 51 mA, Nominal = 58 mA, USL = 65 mA.
51
55
53
57
59
61
63
65
250
200
150
100
50
0
Stdev = 1.22
-3 Std
+3 Std



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com