Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPSL
Description  Low resistance, Solid state
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPSL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPSL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPSL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPSL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
Rev. 7
 
Polymeric PTC
MERITEK
MPSL Series
 
Electrical Characteristics (23ºC)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Maximum
Current
Typical
Power
Max Time to Trip
Resistance Tolerance
E223037
Current
Time
RMIN
RMAX
R1MAX
IH,A
IT,A
VMAX,
VDC
IMAX, A
Pd, W
A
Sec
Ω
Ω
Ω
MPSL140
1.4
3.6
6
50
1.0
7.0
3.0
0.010
0.020
0.035
●
MPSL190
1.9
4.9
6
50
1.0
9.5
3.0
0.006
0.014
0.024
●
MPSL250
2.5
8.0
6
50
1.0
12.5
3.0
0.006
0.012
0.020
●
MPSL270
2.7
8.1
6
50
1.0
13.5
2.0
0.006
0.012
0.018
●
MPSL310
3.1
8.8
6
50
1.0
15.5
3.0
0.004
0.010
0.016
●
MPSL370
3.7
9.0
6
50
1.0
18.5
5.0
0.003
0.008
0.014
●
MPSL450L
4.5
9.5
6
50
1.0
22.5
3.0
0.0025 0.0055
0.010
●
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
VMAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Maximum power dissipated from device when in tripped state in 23ºC still air environment.
RMIN=Minimum device resistance at 23ºC.
R1MAX=Maximum device resistance at 23ºC, 1 hour after tripping.
Physical specifications:
Lead material: 0.1mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape
Product Dimensions (Millimeters)
Part
Number
A
B
C
D
E
F
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
MPSL140
9.20
10.80
3.15
3.45
0.55
0.95
2.15
3.25
2.15
3.25
2.20
2.40
MPSL190
9.20
10.80
3.15
3.45
0.55
0.95
2.15
3.25
2.15
3.25
2.20
2.40
MPSL250
9.20
10.80
3.15
3.45
0.55
0.95
2.15
3.25
2.15
3.25
2.20
2.40
MPSL270
9.20
10.80
3.15
3.45
0.55
0.95
2.15
3.25
2.15
3.25
2.20
2.40
MPSL310
9.20
10.80
3.15
3.45
0.55
0.95
2.15
3.25
2.15
3.25
2.20
2.40
MPSL370
9.20
10.80
3.15
3.45
0.55
0.95
2.15
3.25
2.15
3.25
2.20
2.40
MPSL450L
20.5
21.50
3.50
3.90
0.55
0.95
7.00
8.00
7.00
8.00
2.40
2.60



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com