Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1084AESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1084AESA
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084AESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1084AESA Datasheet HTML 3Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 4Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 5Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 6Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 7Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 8Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 9Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 10Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
_______________________________________________________________________________________
7
2.490
2.496
2.494
2.492
2.498
2.500
2.502
2.504
2.506
2.508
2.510
2.5
3.5
3.0
4.0
4.5
5.0
5.5
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.490
2.496
2.494
2.492
2.500
2.498
2.508
2.506
2.504
2.502
2.510
-40
-20
0
20
40
60
80
100
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
1.50
2.00
1.75
2.50
2.25
2.75
3.00
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CONVERTING,
SCLK = 6.4MHz
CONVERTING,
SCLK = 4.8MHz
STATIC
CODE = 1111 1111 1111
RL =
∞
CL = 10pF
1.5
1.8
2.4
2.1
2.7
3.0
-40
0
-20
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 5V, CONVERTING
VDD = 3V, CONVERTING
VDD = 5V, STATIC
VDD = 3V, STATIC
Typical Operating Characteristics (continued)
(MAX1084: VDD = +5.0V, fSCLK = 6.4MHz; MAX1085: VDD = +3.0V, fSCLK = 4.8MHz; CLOAD = 20pF, 4.7µF capacitor at REF,
TA = +25°C, unless otherwise noted.)
Pin Description
Serial Clock Input. SCLK drives the conversion process and clocks data out at rates up to 6.4MHz
(MAX1084) or 4.8MHz (MAX1085).
PIN
Positive Supply Voltage
VDD
1
FUNCTION
NAME
Sampling Analog Input, 0 to VREF Range
AIN
2
Analog and Digital Ground
GND
5
Active-Low Chip Select. Initiates conversions on the falling edge. When CS is high, DOUT is high
impedance.
CS
7
Reference Voltage for Analog-to-Digital Conversion. Internal 2.5V reference output. Bypass with a
4.7µF capacitor.
REF
4
Active-Low Shutdown Input. Pulling SHDN low shuts down the device and reduces the supply current
to 2µA (typ).
SHDN
3
SCLK
8
Serial Data Output. DOUT changes state at SCLK’s rising edge. High impedance when CS is high.
DOUT
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com