| Electronic Components Datasheet Search |
|
MPTS Datasheet(PDF) 14 Page - MERITEK ELECTRONICS CORPORATION |
|
|
|||||||||||||||||||||||||||||
MPTS Datasheet(HTML) 14 Page - MERITEK ELECTRONICS CORPORATION |
|
14 / 16 page ![]() Rev. 7d Polymeric PTC MERITEK MPTS Series (Low Rho) ELECTRICAL CHARACTERISTICS (23º) MPTS1812 Part Number Hold Current Trip Current Rated Voltage Max Current Typical Power Max Time to Trip Resistance E223037 50223766 Current Time RMIN R1MAX IH, A IT, A VMAX, VDC IMAX, A Pd, W A Sec Ohms Ohms MPTS1812L140RZ 1.40 3.60 6 100 1.0 8.0 3.00 0.010 0.035 ● ● MPTS1812L190RZ 1.90 4.90 6 100 1.0 8.0 5.00 0.003 0.025 MPTS1812L270RZ 2.70 6.20 6 100 1.0 13.5 3.00 0.003 0.023 ● ● MPTS1812L300RZ 3.00 7.00 6 100 1.0 15.0 2.00 0.003 0.022 ● ● MPTS1812L370RZ 3.70 9.10 6 100 1.0 18.5 2.00 0.003 0.018 ● ● MPTS1812L500RZ 5.00 10.00 6 100 1.0 25.0 2.00 0.0015 0.0140 MPTS1812L600RZ 6.00 12.00 6 100 1.0 30.0 3.00 0.0010 0.0100 IH=Hold current-maximum current at which the device will not trip at 23ºC still air. IT=Trip current-minimum current at which the device will always trip at 23ºC still air. V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX) I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX). Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air environment. RMIN=Minimum device resistance at 23ºC prior to tripping. R1MAX=Maximum device resistance at 23ºC measured 1 hour post trip. Termination pad characteristics Termination pad materials: Pure Tin PRODUCT DIMENSIONS (MILLIMETERS) MPTS1812 Part Number A B C D E Min Max Min Max Min Max Min Max Min Max MPTS1812L140RZ 4.37 4.73 3.07 3.41 0.30 0.70 0.25 0.95 0.25 0.65 MPTS1812L190RZ 4.37 4.73 3.07 3.41 0.30 0.70 0.25 0.95 0.25 0.65 MPTS1812L270RZ 4.37 4.73 3.07 3.41 0.40 0.75 0.25 0.95 0.25 0.65 MPTS1812L300RZ 4.37 4.73 3.07 3.41 0.40 0.75 0.25 0.95 0.25 0.65 MPTS1812L370RZ 4.37 4.73 3.07 3.41 0.40 0.75 0.25 0.95 0.25 0.65 MPTS1812L500RZ 4.37 4.73 3.07 3.41 0.40 0.75 0.25 0.95 0.25 0.65 MPTS1812L600RZ 4.37 4.73 3.07 3.41 0.60 1.00 0.25 0.95 0.25 0.65 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |