Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPVL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPVL
Description  Electronic applications: Rechargeable battery packs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPVL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPVL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPVL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPVL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
Rev. 7
 
Polymeric PTC
MPVL Series
Electrical Characteristics (23ºC)
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Maximum power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications:
Lead material: 0.1mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape.
Product Dimensions (Millimeters)
Part
Number
A
B
C
D
E
F
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
MPVL170
20.8
23.2
3.5
3.9
0.5
0.8
4.5
6.5
4.5
6.5
2.4
2.6
MPVL175
23.0
24.5
2.9
3.3
0.5
0.8
4.7
7.2
3.8
5.4
2.4
2.6
MPVL230
20.9
23.1
4.9
5.3
0.5
0.8
4.1
5.8
4.1
5.8
3.9
4.1
Part
Number
Hold
Current
Trip
Current
Max. Time to
Trip
Rated
Voltage
Maximum
Current
Typical
Power
Resistance
E223037
RMIN
RMAX
R1MAX
IH,A
IT,A
at 5xIH, s
VMAX,
Vdc
IMAX, A
Pd, W
MPVL170
1.7
4.1
5.0
12
100
1.4
0.018
0.032
0.064
MPVL175
1.75
4.2
5.0
12
100
1.4
0.017
0.031
0.062
MPVL230
2.3
5.0
5.0
12
100
1.4
0.012
0.018
0.036



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com