Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # NP
Description  Standard non polarity series for using in polarity reversal circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NP Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  NP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 7a
NP Series
( Non Polarity, 85°C ) MERITEK
Aluminum Electrolytic Capacitors
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 85
C 120Hz
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
10

5x11
47
22
5x11
65
6.3x11
80
33
5x11
70
6.3x11
90
8x11.5
110
47
6.3x11
100
6.3x11
110
8x11.5
140
100
8x11.5
170
8x11.5
180
10x16
230
220
10x12.5
260
10x16
310
10x20
380
330
10x16
350
10x20
420
12.5x20
460
470
10x20
460
12.5x20
500
12.5x25
600
1000
12.5x25
740
16x31.5
950
16x31.5
1030
2200
16x31.5
1240
16x35.5
1350
16x31.5
1450
3300
16x25
1540
16x31.5
1500
18x35.5
1900
4700
16x31.5
1660
18x35.5
2000
6800
18x35.5
2120
Cap.
(uF)
V
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.47

5x11
12
1.0

5x11
18
2.2

5x11
26
3.3

6.3x11
37
4.7
5x11
34
5x11
38
6.3x11
44
10
6.3x11
55
6.3x11
65
8x11.5
75
22
8x11.5
100
8x11.5
110
10x12.5
120
33
8x11.5
120
10x12.5
140
10x16
160
47
10x12.5
150
10x16
190
10x20
210
100
10x20
270
12.5x20
300
12.5x25
330
220
12.5x20
400
12.5x25
490
16x31.5
580
330
16x25
570
16x25
640
16x35.5
750
470
16x31.5
760
16x31.5
840
16x31.5
840
1000
16x31.5
1100
16x35.5
1300
2200
18x35.5
1730
Cap.
(uF)
V
63
100
Item
DxL
R.C.
DxL
R.C.
0.47

5x11
12
1.0

5x11
18
2.2
5x11
26
6.3x11
30
3.3
6.3x11
37
8x11.5
43
4.7
6.3x11
44
8x11.5
50
10
8x11.5
75
10x16
85
22
10x16
130
12.5x20
140
33
10x20
170
12.5x25
190
47
12.5x20
210
16x25
240
100
16x25
350
16x31.5
390
220
16x31.5
580
18x35.5
650
330
18x35.5
800
18x35.5
800
470
18x35.5
950
18x40
1000
All blank voltage on sleeve marking is the same voltage as
“” point to.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com