Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWSF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RWSF
Description  Between Terminals and Case
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RWSF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RWSF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
S
egmented Film Capacitors
RWSF Series
AC
rms
(V)
(μF)
( % )
( VAC )
Capacitance Tolerance Voltage
T-T
T-C
D
L
LL
Mold
20
± 5
275
700
2000
35.5
61
100
1-64,FU
30
± 5
275
700
2000
45.5
77
100
1-57,FU
40
± 5
275
700
2000
45.5
77
100
1-57,FU
Test Voltage
( VDC )
Outline Dimensions/mm
SPECIFICATIONS:
1. UL FILE NO: E311150
2. OPERATING TEMPERATURE: -25 ℃ ~ + 85 ℃.
3. CAPACITANCE RANGE: 20.0, 30.0, 40.0 µF.
4. CAPACITANCE TOLERANCE: J = ± 5%
5. RATED WORKING VOLTAGE RANGE: 275 VAC 50/60 Hz.
6. WITHSTAND VOLTAGE TEST:
( A ): Dielectric strength test
( TV ): rated voltage x 175 % x 1.414 for VDC 1-5 Sec,
( B ): Between Terminals and Case
( TC ): rated voltage x 2 + 1000V ( minimum 2000 V ) for one minute at 25 ℃.
7. DISSIPATION FACTOR (DF): 0.5 % MAX. When measured at 1KHZ, 25 ℃.
8. INSULATION RESISTANCE ( IR ):
( A ) Between Terminals: Above 5000
ΩF, at 100VDC in 25 ℃.
( B ) Between Terminals and Case: Above 10000M
Ω, at 500VDC in 25 ℃.
9. PERMISSIBLE OVERLOADS:
( A ) Voltage: At an r.m.s voltage between terminals not exceeding 110﹪the rated voltage.
( B ) Current: At an r.m.s current not exceeding 130﹪the current which occurs at rated
sinusoidal voltage and rated frequency excluding transients. Taking into account the
tolerance, the maximum permissible current can be up to 130﹪ the rated current
increased in proportion to the actual capacitance value compared with the rated
capacitance value.
10. LIFE TEST (Continued): Rated voltage X 135%, 1000hours, in the + 85 ℃ chamber.
ΔC/C in
± 5 %. DF≤0.5% .
11. Protected –P2 10,000 A. F. C. (Ampere Fault Current)
12. Film: Segmented Metallized Film.
PART NUMBERING
Meritek Series
*RWSF
Dash
Rated Voltage
CODE
275
275V
CODE
W
Lead Wire
W
275
RWSF
206
-
CODE
101
102
103
104
105
106
( pF )
100PF
F
PF
0PF
( nF )
---
1
10
100
F
(
μF )
---
0.001Uf
0.01
0.1
1
10
Capacitance
Rev.7


Similar Part No. - RWSF

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RWSF-T2 MERITEK-RWSF-T2 Datasheet
71Kb / 1P
Segmented Film Capacitors
RWSF-W MERITEK-RWSF-W Datasheet
85Kb / 1P
Segmented Film Capacitors
RWSF101-275T2 MERITEK-RWSF101-275T2 Datasheet
71Kb / 1P
Segmented Film Capacitors
RWSF101-275W MERITEK-RWSF101-275W Datasheet
85Kb / 1P
Segmented Film Capacitors
RWSF102-275T2 MERITEK-RWSF102-275T2 Datasheet
71Kb / 1P
Segmented Film Capacitors
More results

Similar Description - RWSF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-MC4 OHMITE-RES-MC4 Datasheet
408Kb / 2P
Unique terminals allow spacing between board and resistor
logo
Murata Manufacturing Co...
GRM022C80J103ME01 MURATA1-GRM022C80J103ME01 Datasheet
176Kb / 2P
Distance between external terminals g
GRM022C81C103ME01 MURATA1-GRM022C81C103ME01 Datasheet
176Kb / 2P
Distance between external terminals g
GRM022R61E103ME01 MURATA1-GRM022R61E103ME01 Datasheet
176Kb / 2P
Distance between external terminals g
GRM155R61H224ME01 MURATA1-GRM155R61H224ME01 Datasheet
178Kb / 2P
Distance between external terminals g
GRM155R61J224ME01 MURATA1-GRM155R61J224ME01 Datasheet
179Kb / 2P
Distance between external terminals g
GRM188C80J226ME01 MURATA1-GRM188C80J226ME01 Datasheet
177Kb / 2P
Distance between external terminals g
GRM188C81A226ME01 MURATA1-GRM188C81A226ME01 Datasheet
179Kb / 2P
Distance between external terminals g
GRM188D70E226ME01 MURATA1-GRM188D70E226ME01 Datasheet
177Kb / 2P
Distance between external terminals g
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01 Datasheet
177Kb / 2P
Distance between external terminals g
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com