Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-43528 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-43528
Description  High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-43528 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-43528 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-43528 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Absolute Maximum Rating [1] TA = 25° C
Symbol
Parameter
Units
Absolute Max.
Vdd, VddBias
Supply voltages, bias supply voltage
V
6
Vc
Control Voltage
V
(Vdd)
Pin,max
CW RF Input Power
dBm
20
Pdiss
Total Power Dissipation [3]
W
7.2
Tj
Junction Temperature
C
150
TSTG
Storage Temperature
C
-65 to 150
Thermal Resistance [2,3]
jc = 13°C/W
Notes:
1. Operation of this device in excess of any
of these limits may cause permanent
damage.
2. Thermal resistance measured using Infra-
Red Measurement Technique at Vdd =
5.5 V operating voltage.
3. Board temperature (TB) is 25° C, for TB
> 56.4° C derate the device power at 77 mW
per °C rise in Board (package belly) tem-
perature.
Electrical Specifications
TA = 25 °C, Vdd = VddBias = 5.0V, Vc1 = 2.4V, Vc2 = 1.6V, Vc3 = 2.2V, Idqtotal = 400mA, RF performance at 1.96 GHz,
W-CDMA Test model #1, 64DPCH downlink signal operation unless otherwise stated.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Vdd
Supply Voltage
V
5.0
Idqtotal
Quiescent Supply Current
mA
400
600
Gain
Gain
dB
38
41.9
OP1dB
Output Power at 1dB Gain Compression
dBm
37.2
ACLR1 @ Pout = 27.2 dBm
W-CDMA Test model #1, 64DPCH downlink signal
dBc
-50
PAE @ Pout = 27.2 dBm
Power Added Efficiency
%
11.5
13.6
|S11|
Input Return Loss, 50
 source
dB
17.3
DetR
Detector RF dynamic range
dB
20
TA = 25 °C, Vdd = VddBias = 5.5V, Vc1 = 2.4V, Vc2 = 1.6V, Vc3 = 2.2V, Idqtotal = 490mA, RF performance at 1.96 GHz,
W-CDMA Test model #1, 64DPCH downlink signal operation unless otherwise stated.
Symbol
Parameter and Test Condition
Units
Typ.
Vdd
Supply Voltage
V
5.5
Idqtotal
Quiescent Supply Current
mA
490
Gain
Gain
dB
41.9
OP1dB
Output Power at 1dB Gain Compression
dBm
37.6
ACLR1 @ Pout = 27.9 dBm
W-CDMA Test model #1, 64DPCH downlink signal
dBc
-50
PAE @ Pout = 27.9 dBm
Power Added Efficiency
%
13.2
|S11|
Input Return Loss, 50
 source
dB
17.5
DetR
Detector RF dynamic range
dB
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com