Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE334-50CM Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE334-50CM
Description  ROHS and REACH Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE334-50CM Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE334-50CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE334-50CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE334-50CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE334-50CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE334-50CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Cable
Cable Inner Conductor
Copper, Silver
No of Shields
2
Cable Outer Conductor
Copper, Silver
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.3 [7.62]
Connector 1
Type
TNC Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In.
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2701
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2701
Hex Size, Inch
9/16
Torque, in-lbs [Nm]
14 [1.58]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2701
Dielectric Type
PTFE
Connector 2
Type
TNC Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In.
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2701
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2701
Hex Size, Inch
9/16
Torque, in-lbs [Nm]
14 [1.58]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2701
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE334-50CM REV 1.0
PE334-50CM
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to TNC Male Low Loss Test Cable 50 CM Length Using PE-P300LL Coax, RoHS
PE334-50CM
TNC Male to TNC Male Low Loss Test Cable 50 CM
Length Using PE-P300LL Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com