Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NETARIUM-14 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # NETARIUM-14
Description  14U 14-Slot AdvancedTCA Reference Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

NETARIUM-14 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  NETARIUM-14_14 Datasheet HTML 1Page - Advantech Co., Ltd. NETARIUM-14_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Netarium™-14
14U 14-Slot AdvancedTCA
Reference Systems
ƒ 14U 14-slot 19" rackmount ATCA shelf with integrated switches and server
blades
ƒ 12 node + 2 hub slots with power distribution for over 350W per slot
ƒ 14 rear transition module (RTM) slots
ƒ Supports two redundant Shelf Managers, and two redundant Shelf FRU Data
and Telco Alarms boards
ƒ 40G ATCA-compliant backplane, with dual star topology on fabric channel
and base channel, supporting up to 10 Gbps per differential pair for the fabric
ƒ Redundant AC and DC power options
ƒ Front-to-rear Pull Cooling Mode
ƒ Hot swappable FRUs (blades, RTMs, fan trays, power modules, and ShMM)
ƒ PICMG 3.0 (AdvancedTCA Base Specification) Compliance
Introduction
Advantech’s Netarium™ series of ATCA reference systems are specifically targeted to help network equipment providers reach superior levels of performance over traditional rackmount
servers or appliances and extend their product range at the high end. The series represents a new generation of systems which offer higher performance, greater scalability and extreme
flexibility by using the latest 40 Gigabit Ethernet (40G) backplanes, switches and application blades. Advantech optimizes the systems to achieve the highest possible density at the
rack level, enabling a maximum number of processor cores, network ports and switching capacity.
Each system is tailored for customers to rapidly deploy in data communication markets for applications which require faster and deeper packet processing such as policy and
charging enforcement, network security, real-time traffic monitoring, load balancing, subscriber analytics and content optimization among others. As ATCA was designed to meet the
carrier-grade constraints of the telecom industry, the systems integrate the chassis, cooling, power distribution and shelf management into an off-the-shelf platform solution capable
of superior 5 NINES availability and reliability.
Rising volumes of data traffic, media-rich applications and data center consolidation are driving the need for increased bandwidth scalability and high-speed connections. To meet
these challenges, Advantech’s flagship NetariumTM-14 targets the high-end market where equipment providers require superior performance, scalability and deployment flexibility
for their large enterprise, managed security service provider or carrier customers.
Many different payloads can be integrated into Advantech Netarium™ systems and configured to address diverse industry applications. For more details on integrating a specific
configuration please contact your local sales representative.
Specifications
Number of slots
Front blades
14 ATCA compliant node or hub blades (12 node blades and 2 hub blades)
RTM’s
14 ATCA rear transition modules
Backplane
IPMB
Bussed
Base interface
Dual star, 1000 Base-T
Fabric interface
Dual star, up to 10Gbps per differential pair
Cooling
Technology
Four front pluggable, hot swappable high pressure fan trays with N+1 redundant fans
(no degradation with a single fan failure)
Max. Capacity
350W for front board and 35W for RTM
Air filter
Front pluggable air inlet filter with redundant presence sensor
Accessibility
Front
ATCA blades, fan trays, air filter, and AC PSU’s
Rear
RTM’s, ShMC’s, and PEM’s
Power
AC
Up to five redundant (N+1) power supply units with separate AC inlets,
1600W (at high line) and 1200W (at low line)
PSU cooling
Self cooled
DC feed
2 redundant, hot swappable PEMs w. integrated EMI filters
DC voltage
-48V / -60V
Current rating
105A@-48V and 84A@-60V via 4 studs
Shelf management
Full featured
Dual, redundant carrier board for Pigeon Point Shelf Management Mezzanine 500 (ShMM-500)
Interfaces
RMCP, SSH, SNMP, CLI, Web and serial interfaces
Telco alarms
Dual, redundant Shelf FRU Data and Telco alarm boards (Optional)
Sensors
FRU presence, fan health, PSU health, temperatures, input voltages
Miscellaneous
ESD plug
Front and rear
Cable management
Front and rear cable management trays (optional)
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 19-Jun-2014


Similar Part No. - NETARIUM-14_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-2 ADVANTECH-NETARIUM-2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA Reference Platform
NETARIUM-6V2 ADVANTECH-NETARIUM-6V2_14 Datasheet
2Mb / 2P
6U 6-Slot AdvancedTCA Reference Systems with Advantech Shelf Manager support
NETARIUM-6 ADVANTECH-NETARIUM-6_14 Datasheet
905Kb / 2P
6U 6-Slot AdvancedTCA Reference Systems
More results

Similar Description - NETARIUM-14_14

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
AdvancedTCA
logo
Advantech Co., Ltd.
NETARIUM-2 ADVANTECH-NETARIUM-2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA Reference Platform
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-6 ADVANTECH-NETARIUM-6_14 Datasheet
905Kb / 2P
6U 6-Slot AdvancedTCA Reference Systems
NETARIUM-6V2 ADVANTECH-NETARIUM-6V2_14 Datasheet
2Mb / 2P
6U 6-Slot AdvancedTCA Reference Systems with Advantech Shelf Manager support
logo
Adlink Technology Inc.
ATCA-80302PD ADLINK-ATCA-80302PD Datasheet
249Kb / 2P
3U 2-slot Full-Mesh 40G AdvancedTCA Shelf
ATCA-80606PD ADLINK-ATCA-80606PD Datasheet
223Kb / 2P
6U 6-slot Dual-Star 40G AdvancedTCA Shelf
ATCA-81414PD ADLINK-ATCA-81414PD Datasheet
241Kb / 2P
14U 14-slot Dual-Star 40G AdvancedTCA Shelf
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com