Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L02PA Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L02PA
Description  Single supply voltage 2.7~3.6V
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L02PA Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L02PA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L02PA Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ESMT
F25L02PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2013
Revision: 1.2
9/35
INSTRUCTIONS
Instructions are used to Read, Write (Erase and Program), and
configure the F25L02PA. The instruction bus cycles are 8 bits
each for commands (Op Code), data, and addresses. Prior to
executing any Page Program, Write Status Register, Sector
Erase, Block Erase, or Chip Erase instructions, the Write Enable
(WREN) instruction must be executed first. The complete list of
the instructions is provided in Table 5. All instructions are
synchronized off a high to low transition of CE . Inputs will be
accepted on the rising edge of SCK starting with the most
significant bit. CE must be driven low before an instruction is
entered and must be driven high after the last bit of the instruction
has been shifted in (except for Read, Read ID, Read Status
Register, Read Electronic Signature instructions). Any low to high
transition on CE , before receiving the last bit of an instruction
bus cycle, will terminate the instruction in progress and return the
device to the standby mode.
Instruction commands (Op Code), addresses, and data are all
input from the most significant bit (MSB) first.
Table 5: Device Operation Instructions
Bus Cycle
1~3
1
2
3
4
5
6
N
Operation
Max.
Freq
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
33 MHz 03H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
X
DOUT0
X
DOUT1
X
cont.
Fast Read
0BH
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
X
X
X
DOUT0
X
cont.
Fast Read Dual
Output
11,12
3BH
A23-A16
A15-A8
A7-A0
X
DOUT0~1
cont.
Sector Erase
4 (4K Byte)
20H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
-
-
-
-
-
-
Block Erase
4, (64K Byte)
D8H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
-
-
-
-
-
-
Chip Erase
60H /
C7H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Page Program (
PP)
02H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
DIN0
Hi-Z
DIN1
Hi-Z
Up to
256
bytes
Hi-Z
Read Status Register
(
RDSR)
6
05H
Hi-Z
X
DOUT
-
-
-
-
-
-
-
-
-
-
Write Status Register
(
WRSR)
01H
Hi-Z
DIN
Hi-Z
-
-
-.
-
-
-
-
-
-
-
Write Enable (
WREN)
9
06H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Write Disable (
WRDI)
04H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Deep Power Down (
DP)
B9h
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Release from Deep
Power Down (
RDP)
ABH
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Read Electronic
Signature (
RES)
7
ABH
Hi-Z
X
X
X
X
X
X
X
11H
-
-
-
-
Jedec Read ID
(
JEDEC-ID)
8
9FH
Hi-Z
X
8CH
X
30H
X
12H
-
-
-
-
-
-
00H
Hi-Z
X
8CH
X
11H
-
-
Read ID (
RDID)
10
50MHz
~
100MHz
90H
Hi-Z
00H
Hi-Z
00H
Hi-Z
01H
Hi-Z
X
11H
X
8CH
-
-
Note:
1.
Operation: SIN = Serial In, SOUT = Serial Out, Bus Cycle 1 = Op Code
2.
X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary); cont. = continuous
3.
One bus cycle is eight clock periods.
4.
Sector Earse addresses: use AMS -A12, remaining addresses can be VIL or VIH
Block Earse addresses: use AMS -A16, remaining addresses can be VIL or VIH
5.
To continue programming to the next sequential address location, enter the 8-bit command, followed by the data to be
programmed.
6.
The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE .
7.
The Read-Electronic-Signature is continuous with on going clock cycles until terminated by a low to high transition on CE .
8.
The Jedec-Read-ID is output first byte 8CH as manufacture ID; second byte 30H as memory type; third byte 12H as
memory capacity.
9.
The Write-Enable (WREN) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of each
other. The WRSR instruction must be executed immediately (very next bus cycle) after the WREN instruction to make both



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com