Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202BCAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1202BCAP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BCAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1202BCAP Datasheet HTML 1Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ................................................................-0.3V to 6V
VL ...............................................................-0.3V to (VDD + 0.3V)
VSS to GND .................................................................0.3V to -6V
VDD to VSS ................................................................-0.3V to 12V
CH0–CH7 to GND ............................(VSS - 0.3V) to (VDD + 0.3V)
CH0–CH7 Total Input Current...........................................±20mA
REF to GND ................................................-0.3V to (VDD + 0.3V)
REFADJ to GND .........................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND .................................-0.3V to (VDD + 0.3V)
Digital Outputs to GND .................................-0.3V to (VL + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ...........889mW
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
CERDIP (derate 11.11mW°C above +70°C) .................889mW
Operating Temperature Ranges
MAX1202_C_P/MAX1203_C_P ............................0°C to +70°C
MAX1202_E_P/MAX1203_E_P..........................-40°C to +85°C
MAX1202BMJP/MAX1203BMJP .....................-55°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%, VL = 2.7V to 3.6V; VSS = 0V or -5V ±5%; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion
cycle (133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin;
TA = TMIN to TMAX; unless otherwise noted.)
-3dB rolloff
MHz
4.5
MAX1202A/MAX1203A
Small-Signal Bandwidth
kHz
800
VIN = 4.096Vp-p, 65kHz (Note 4)
External reference, 4.096V
MAX1202B/MAX1203B
No missing codes over temperature
CONDITIONS
Full-Power Bandwidth
±3
MAX1202 (all grades)
dB
-85
Channel-to-Channel Crosstalk
dB
80
SFDR
Spurious-Free Dynamic Range
dB
-80
THD
Total Harmonic Distortion
(up to the 5th harmonic)
dB
70
SINAD
Signal-to-Noise + Distortion Ratio
LSB
±0.5
INL
Relative Accuracy (Note 2)
Bits
12
Resolution
LSB
±0.1
Channel-to-Channel
Offset Matching
ppm/°C
±0.8
Gain Temperature Coefficient
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
LSB
±3.0
Offset Error
±1.5
LSB
±3
Gain Error (Note 3)
External reference, 4.096V
MAX1203A
MAX1203B
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 4.096Vp-p, 133ksps, 2.0MHz external clock, bipolar-input mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com