Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1239EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1239EEE
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1239EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1239EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Configuration/Setup Bytes (Write Cycle)
A write cycle begins with the bus master issuing a
START condition followed by seven address bits (Figure
7) and a write bit (R/W = 0). If the address byte is suc-
cessfully received, the MAX1236–MAX1239 (slave)
issues an acknowledge. The master then writes to the
slave. The slave recognizes the received byte as the
set-up byte (Table 1) if the most significant bit (MSB) is
1. If the MSB is 0, the slave recognizes that byte as the
configuration byte (Table 3). The master can write either
one or two bytes to the slave in any order (setup byte,
then configuration byte; configuration byte, then setup
byte; setup byte or configuration byte only; Figure 9). If
the slave receives a byte successfully, it issues an
acknowledge. The master ends the write cycle by issu-
ing a STOP condition or a repeated START condition.
When operating in HS-mode, a STOP condition returns
the bus into F/S-mode (see the HS-Mode section).
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
______________________________________________________________________________________
13
B. TWO-BYTE WRITE CYCLE
SLAVE TO MASTER
MASTER TO SLAVE
S
1
SLAVE ADDRESS
A
71 1
W
SETUP OR
CONFIGURATION BYTE
SETUP OR
CONFIGURATION BYTE
8
P or Sr
1
A
1
MSB DETERMINES WHETHER
SETUP OR CONFIGURATION BYTE
S
1
SLAVE ADDRESS
A
71 1
W
SETUP OR
CONFIGURATION BYTE
8
P or Sr
1
A
1
MSB DETERMINES WHETHER
SETUP OR CONFIGURATION BYTE
A
1
8
A. ONE-BYTE WRITE CYCLE
NUMBER OF BITS
NUMBER OF BITS
Figure 9. Write Cycle
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
REG
SEL2
SEL1
SEL0
CLK
BIP/UNI
RST
X
BIT
NAME
DESCRIPTION
7
REG
Register bit. 1 = setup byte, 0 = configuration byte (see Table 2).
6
SEL2
5
SEL1
4
SEL0
Three bits select the reference voltage and the state of AIN_/REF (Table 6). Default to 000 at
power-up.
3
CLK
1 = external clock, 0 = internal clock. Default to 0 at power-up.
2
BIP/UNI
1 = bipolar, 0 = unipolar. Default to 0 at power-up (see the Unipolar/Bipolar section).
1
RST
1= no action, 0 = resets the configuration register to default. Setup register remains unchanged.
0
X
Don’t care, can be set to 1 or 0.
Table 1. Setup Byte Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com