Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS85 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS85
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS85 Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS85_15 Datasheet HTML 1Page - NXP Semiconductors BAS85_15 Datasheet HTML 2Page - NXP Semiconductors BAS85_15 Datasheet HTML 3Page - NXP Semiconductors BAS85_15 Datasheet HTML 4Page - NXP Semiconductors BAS85_15 Datasheet HTML 5Page - NXP Semiconductors BAS85_15 Datasheet HTML 6Page - NXP Semiconductors BAS85_15 Datasheet HTML 7Page - NXP Semiconductors BAS85_15 Datasheet HTML 8Page - NXP Semiconductors BAS85_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a small hermetically sealed glass SOD80C Surface-Mounted
Device SMD package with tin-plated metal discs at each end. It is suitable for
“automatic placement” and as such it can withstand immersion soldering.
1.2 Features and benefits
Low forward voltage
High breakdown voltage
Guard-ring protected
Hermetically sealed glass SMD package
1.3 Applications
Ultra high-speed switching
Voltage clamping
Protection circuits
Blocking diodes
1.4 Quick reference data
BAS85
Schottky barrier diode
Rev. 6 — 10 September 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 100 mA
-
-
800
mV


Similar Part No. - BAS85_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85.115 NXP-BAS85.115 Datasheet
62Kb / 9P
Schottky barrier diode
Rev. 05 - 25 March 2009
logo
Vishay Siliconix
BAS85 VISHAY-BAS85_10 Datasheet
111Kb / 5P
Small Signal Schottky Diode
05-Aug-10
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Vishay Siliconix
BAS85 VISHAY-BAS85_12 Datasheet
60Kb / 4P
Small Signal Schottky Diode
05-Aug-10
logo
Micro Commercial Compon...
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
More results

Similar Description - BAS85_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com