Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3803VPBF... Datasheet(PDF) 2 Page - International Rectifier

Part # IRL3803VPBF...
Description  ADVANCED PROCESS TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3803VPBF... Datasheet(HTML) 2 Page - International Rectifier

  IRL3803VPBF... Datasheet HTML 1Page - International Rectifier IRL3803VPBF... Datasheet HTML 2Page - International Rectifier IRL3803VPBF... Datasheet HTML 3Page - International Rectifier IRL3803VPBF... Datasheet HTML 4Page - International Rectifier IRL3803VPBF... Datasheet HTML 5Page - International Rectifier IRL3803VPBF... Datasheet HTML 6Page - International Rectifier IRL3803VPBF... Datasheet HTML 7Page - International Rectifier IRL3803VPBF... Datasheet HTML 8Page - International Rectifier IRL3803VPBF... Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRL3803VPbF
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C, IS = 71A, VGS = 0V
„
trr
Reverse Recovery Time
–––
52
78
ns
TJ = 25°C, IF = 71A
Qrr
Reverse Recovery Charge
–––
91
140
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
140
‡
470
A
‚ Starting TJ = 25°C, L = 160µH
RG = 25Ω, IAS = 71A, VGS=10V (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Notes:
ƒ ISD ≤ 71A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
‡ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.028 –––
V/°C Reference to 25°C, ID = 1mA
–––
–––
5.5
VGS = 10V, ID = 71A
„
–––
–––
7.5
VGS = 4.5V, ID = 59A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
82
–––
–––
S
VDS = 25V, ID = 71A
„
–––
–––
25
µA
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -16V
Qg
Total Gate Charge
–––
–––
76
ID = 71A
Qgs
Gate-to-Source Charge
–––
–––
19
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
35
VGS = 4.5V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 15V
tr
Rise Time
–––
180
–––
ID = 71A
td(off)
Turn-Off Delay Time
–––
29
–––
RG = 1.3Ω
tf
Fall Time
–––
37
–––
VGS = 4.5V, See Fig. 10
„
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 3720 –––
VGS = 0V
Coss
Output Capacitance
––– 1480 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
270
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
––– 1560
…400† mJ
IAS = 71A, L = 0.16mH
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
nH
LS
Internal Source Inductance
–––
7.5
–––
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com