Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFEM-S105 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFEM-S105
Description  5 GHz WiFi FEM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFEM-S105 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFEM-S105 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFEM-S105 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ELECTRICAL SPECIFICATIONS
Absolute Minimum and Maximum Ratings
Table 1. Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Pin
Min.
Max.
Unit
Supply Voltage
VCC
5.5
V
Bias Supply
VBIAS
5.5
V
PA enable
PAEN
4.5
V
Switch Control
SW0, SW1
4.5
V
RF Input Power
RFIN
15
dBm
Channel Temperature
150
°C
Storage Temperature
-65
150
°C
Table 2. Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Supply Voltage
VCC
3.0
3.3
4.2
V
Bias Supply
VBIAS
3.0
3.3
4.2
V
16
mA
PA enable
PAEN
2.7
2.9
3.3
V
2.0
mA
Switch Control
SW0
2.7
2.9
3.6
V
RX Mode
200
A
SW1
2.7
2.9
3.6
V
TX Mode
200
A
RF Output Power
Frequency Range
ANT
15
dBm
5.15
5.85
GHz
Thermal Resistance,
jc
Case Temperature
29.8
°C/W
Channel to board
-30
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com