Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMMK-2303 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-2303
Description  0.5 to 6 GHz 1.8 V E-pHEMT Shutdown LNA in Wafer Level Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-2303 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  VMMK-2303 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Table 1. Absolute Maximum Ratings [1]
Sym
Parameters/Condition
Unit
Absolute Max
Vd
Supply Voltage (RF Output) [2]
V
5
Vc
Power Down Control Voltage
V
3
Id
Device Current [2]
mA
60
Pin, max
CW RF Input Power (RF Input) [3]
dBm
+13
Pdiss
Total Power Dissipation
mW
300
Tch
Max channel temperature
°C
150
θjc
Thermal Resistance [4]
°C/W
140
Notes
1. Operation in excess of any of these conditions may result in permanent damage to this device.
2. Bias is assumed DC quiescent conditions
3. With the DC (typical bias) and RF applied to the device at board temperature Tb = 25°C
4. Thermal resistance is measured from junction to board using IR method
Table 2. DC and RF Specifications
TA = 25°C, Frequency = 3 GHz, Vd = 1.8V, Vc = 1.8V, Zin = Zout = 50Ω (unless otherwise specified)
Sym
Parameters/Condition
Unit
Minimum
Typ.
Maximum
Id
Device Current
mA
15
21
28
Id_leakage
Current in Shut Down Mode
µA
0.03
20
NF [1]
Noise Figure
dB
–
2
2.6
Ga [1]
Associated Gain
dB
12
14
16
OIP3 [2,3]
Output 3rd Order Intercept
dBm
+22
–
Output P-1dB [2]
Output Power at 1dB
Gain Compression
dBm
+9
–
IRL [2]
Input Return Loss
dB
–
-13
–
ORL [2]
Output Return Loss
dB
–
-19
–
Notes:
1. Measure data obtained using 300um G-S probe on production wafers
2. Measure data obtained using 300um G-S-G probe on PCB substrate
3. OIP3 test condition: F1=3.0GHz, F2=3.01GHz, Pin=-20dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com