Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1241BC/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1241BC/D
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1241BC/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1241BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX1241BC/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
_______________________________________________________________________________________
7
_______________________________________________________________________Pin Description
6
DOUT
Serial Data Output. Data changes state at SCLK’s falling edge. DOUT is high impedance when CS is
high.
8
SCLK
3
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX1240/MAX1241 down to 15µA (max)
supply current. Both the MAX1240 and MAX1241 are fully operational with either SHDN high or float-
ing. For the MAX1240, pulling SHDN high enables the internal reference, and letting SHDN float dis-
ables the internal reference and allows for the use of an external reference.
4
REF
Reference Voltage for Analog-to-Digital Conversion. Internal 2.5V reference output for MAX1240;
bypass with 4.7µF capacitor. External reference voltage input for MAX1241, or for MAX1240 with the
internal reference disabled. Bypass REF with a minimum of 0.1µF when using an external reference.
7
CS
Active-Low Chip Select initiates conversions on the falling edge. When CS is high, DOUT is high
impedance.
5
GND
Analog and Digital Ground
2
AIN
Sampling Analog Input, 0V to VREF range
NAME
FUNCTION
1
VDD
Positive Supply Voltage: 2.7V to 3.6V, (MAX1240); 2.7 to 5.25V (MAX1241)
PIN
Serial Clock Input. SCLK clocks data out at rates up to 2.1MHz.
0.6
INTEGRAL NONLINEARITY
vs. CODE
-0.6
0
-0.2
-0.4
0.4
0.2
CODE
1024
2048
3072
4096
0
20
-140
0
37.50
FFT PLOT
-120
0
-80
-100
-40
-20
-60
18.75
FREQUENCY (kHz)
fAIN = 10kHz, 2.5Vp-p
fSAMPLE = 73ksps
____________________________Typical Operating Characteristics (continued)
(VDD = 3.0V, REF = 2.5V, fSCLK = 2.1MHz, CL = 20pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com