Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1271AEAI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1271AEAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271AEAI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1271AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 16Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 17Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
16
______________________________________________________________________________________
Power-Down Mode
To save power, configure the converter into low-current
shutdown mode between conversions. Two program-
mable power-down modes are available in addition to a
hardware shutdown. Select STBYPD or FULLPD by pro-
gramming PD0 and PD1 in the input control byte
(Table 4). When software power-down is asserted, it
becomes effective only after the end of conversion. For
example, if the control byte contains PD1 = 0, then the
chip remains powered up. If PD1 = 1, then the chip
powers down at the end of conversion. In all power-
down modes, the interface remains active and conver-
sion results can be read. Input overvoltage protection is
active in all power-down modes.
The first logical 1 on DIN after CS falls is interpreted as
a start condition, and powers up the MAX1270/
MAX1271 from a software selected STBYPD or FULLPD
condition.
For hardware-controlled power-down (FULLPD), pull
SHDN low. When hardware shutdown is asserted, it
becomes effective immediately, and any conversion in
progress is aborted.
Choosing Power-Down Modes
The bandgap reference and reference buffer remain
active in STBYPD mode, maintaining the voltage on the
4.7µF capacitor at REF. This is a DC state that does not
degrade after power-down of any duration.
In FULLPD mode, only the bandgap reference is active.
Connect a 33µF capacitor between REF and AGND to
maintain the reference voltage between conversions
and to reduce transients when the buffer is enabled
and disabled. Throughput rates down to 1ksps can be
achieved without allotting extra acquisition time for ref-
erence recovery prior to conversion. This allows con-
version to begin immediately after power-up. If the
discharge of the REF capacitor during FULLPD
exceeds the desired limits for accuracy (less than a
fraction of an LSB), run a STBYPD power-down cycle
prior to starting conversions. Take into account that the
reference buffer recharges the bypass capacitor at an
80mV/ms slew rate, and add 50µs for settling time.
Auto-Shutdown
Selecting STBYPD on every conversion automatically
shuts down the MAX1270/MAX1271 after each conversion
without requiring any start-up time on the next conversion.
REF
10k
Ω
2.5V
2.5V
REFADJ
AV = 1.638
MAX1270
MAX1271
4.7
µF
CREF
0.01
µF
Figure 13c. External Reference—Reference at REFADJ
REF
VDD
10k
Ω
2.5V
4.096V
REFADJ
AV = 1.638
MAX1270
MAX1271
4.7
µF
CREF
Figure 13b. External Reference—Reference at REF
REF
10k
Ω
2.5V
REFADJ
0.01
µF
AV = 1.638
MAX1270
MAX1271
4.7
µF
CREF
Figure 13a. Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com