Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV170 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV170
Description  Low-leakage double diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV170 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV170_15 Datasheet HTML 1Page - NXP Semiconductors BAV170_15 Datasheet HTML 2Page - NXP Semiconductors BAV170_15 Datasheet HTML 3Page - NXP Semiconductors BAV170_15 Datasheet HTML 4Page - NXP Semiconductors BAV170_15 Datasheet HTML 5Page - NXP Semiconductors BAV170_15 Datasheet HTML 6Page - NXP Semiconductors BAV170_15 Datasheet HTML 7Page - NXP Semiconductors BAV170_15 Datasheet HTML 8Page - NXP Semiconductors BAV170_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2003 Mar 25
2
NXP Semiconductors
Product data sheet
Low-leakage double diode
BAV170
FEATURES
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 µs
• Continuous reverse voltage:
max. 75 V
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 500 mA.
APPLICATION
• Low-leakage current applications in
surface mounted circuits.
DESCRIPTION
Epitaxial, medium-speed switching,
double diode in a small SOT23 plastic
SMD package. The diodes are in
common cathode configuration.
PINNING
PIN
DESCRIPTION
1
anode
2
anode
3
common cathode
Fig.1 Simplified outline (SOT23) and symbol.
handbook, 4 columns
21
3
Top view
MAM108
21
3
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
∗ = W : Made in China.
TYPE NUMBER
MARKING
CODE(1)
BAV170
JX*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com