Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POL10.16 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # POL10.16
Description  Input under Voltage Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

POL10.16 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  POL10.16 Datasheet HTML 1Page - Arch Electronics Corp. POL10.16 Datasheet HTML 2Page - Arch Electronics Corp. POL10.16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_0
update : 2014.04.25
DC-DC Brick
POL10/16 SERIES
10/16 A
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
DERATING
1. During the test of input reflected ripple current, the input terminal must be connected to a 12 uH inductor and a 220 uF electrolytic capacitor.
2. Point A, which is for testing the output voltage ripple, is 25 mm (0.98 in.) away from the Vout pin.
3. The test platform is a 1oz four-layer board with the dimensions (L x W) being 100 mm x 50 mm (3.94 in. x 1.97 in.).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com