Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACMD-4102 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-4102
Description  UMTS/NCDMA/Co-band GSM Rx Band 2 Duplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-4102 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-4102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-4102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ACMD-4102 Electrical Specifications [2], Z0 = 50  (unless otherwise noted), TC [1] as indicated. Includes Rx inductor [7]
Symbol
Parameter
Units
-20
C
+25
C
+85
C
Min
Max
Min
Typ [3]
Max
Min
Max
Antenna Port to Receive Port
ZRx
Impedance of Rx Port, Real Part (Balanced)
Ohms
150
CMR
Common Mode Rejection Ratio
(1930.48 – 1989.52 MHz)
dB
18
18
18
S23
Insertion Loss in UMTS Receive Band [4]
(1930.48 – 1989.52 MHz)
dB
3.6
1.9
3.4
3.3
S23
Insertion Loss in NCDMA Receive Band [5]
(1930.6 – 1989.4 MHz)
dB
4.4
1.9
3.4
3.6
S23
Attenuation in Transmit Band
(1850.48 – 1909.52 MHz)
dB
50
50
64
50
S22
Return Loss (SWR) of Receive Port in Rx Band
(1930.48 – 1989.52 MHz)
dB
8
(2.3)
8
19 (1.3)
(2.3)
8
(2.3)
Transmit Port to Antenna Port
ZTx
Impedance of Tx Port, Real Part
Ohms
50
S31
Insertion Loss in UMTS Transmit Band [4]
(1850.48 – 1909.52 MHz)
dB
2.8
1.3
2.5
2.8 [6]
S31
Insertion Loss in NCDMA Transmit Band [5]
(1850.6 – 1909.4 MHz)
dB
3.4
1.3
2.5
3.5
S31
Attenuation in Receive Band
(1930.48 – 1989.52 MHz)
dB
44
44
62
44
S31
Attenuation in GPS Band
(1574.4 – 1576.4 MHz)
dB
40
40
40
S31
Attenuation in Bluetooth Band
(2400 – 2483.5 MHz)
dB
40
40
40
S31
Attenuation in Transmit 2nd Harmonic Band
(3701 – 3819 MHz)
dB
30
30
30
S31
Attenuation in Transmit 3rd Harmonic Band
(5551.5 – 5728.5 MHz)
dB
10
10
10
S11
Return Loss (SWR) of Transmit Port in Tx Band
(1850.48 – 1909.52 MHz)
dB
9
(2.1)
9
19 (1.3)
(2.1)
9
(2.1)
Antenna Port
ZAnt
Impedance of Ant Port, Real Part
Ohms
50
S33
Return Loss (SWR) of Ant Port in Rx Band
(1930.48 – 1989.52 MHz)
dB
8
(2.3)
8
19 (1.3)
(2.3)
8
(2.3)
S33
Return Loss (SWR) of Ant Port in Tx Band
(1850.48 – 1909.52 MHz)
dB
9
(2.1)
9
19 (1.3)
(2.1)
9
(2.1)
Isolation, Tx Port to Rx Port
S21
Tx-Rx Isolation in UMTS Receive Band [4]
(1930.48 – 1989.52 MHz)
dB
50
50
63
50
S21
Tx-Rx Isolation in NCDMA Receive Band [5]
(1930.6 – 1989.4 MHz)
dB
44
50
63
50
S21
Tx-Rx Isolation in UMTS Transmit Band [4]
(1850.48 – 1909.52 MHz)
dB
55
55
62
55
S21
Tx-Rx Isolation in NCDMA Transmit Band [5]
(1850.6 – 1909.4 MHz)
dB
55
55
62
54
S21
Tx-Rx Common Mode Isolation in Transmit Band,
(1850.5 – 1909.5 MHz)
dB
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com