Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACMD-7410 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7410
Description  UMTS/NCDMA/Co-band GSM Rx Band 2 Duplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7410 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-7410 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7410 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ACMD-7410 Electrical Specifications [2], Z0=50
:, TC[1] as indicated
Symbol Parameter
Units
– 20
qC
+25
qC
+85
qC
Min
Typ [3]
Max
Min
Typ [3]
Max
Min
Typ [3]
Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Band [4]
(UMTS 1930.48 – 1989.52 MHz)
dB
3.2
1.4
3.0
2.9
S23
Insertion Loss in Receive Band [6]
(NCDMA 1930.6 – 1989.4 MHz)
dB
4.0
1.4
3.0
3.2
S23
Insertion Loss in Receive Band
(GSM Rx 1930 – 1990 MHz)
dB
4.3
1.4
3.5
3.9
S22
Return Loss (SWR) of Receive Port
in Receive Band
(1930.48 – 1989.52 MHz)
dB
8
(2.3)
8
14
(2.3)
8
(2.3)
S23
Attenuation in Transmit Band
(1850.48 – 1909.52 MHz)
dB
52
52
64
52
S23
Attenuation, 0 – 1600 MHz
dB
33
33
44
33
S23
Attenuation, 1770 – 1830 MHz
dB
33
33
45
33
S23
Attenuation in Bluetooth Band
(2400 – 2483.5 MHz)
dB
35
35
44
35
S23
Attenuation, 3780 – 3900 MHz
dB
35
35
59
35
S23
Attenuation, 5630 – 5810 MHz
dB
30
30
50
30
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Band [4]
(UMTS 1850.48 – 1909.52 MHz)
dB
2.9
1.4
2.5
2.8 [5]
S31
Insertion Loss in Transmit Band [6]
NCDMA, 1850.6 – 1852.8 MHz
NCDMA, 1852.8 – 1909.4 MHz
dB
3.4
3.0
2.4
1.4
3.0
2.5
2.5 [5]
3.5 [5]
S11
Return Loss (SWR) of Transmit Port
in Transmit Band
(1850.48 – 1909.52 MHz)
dB
9
(2.1)
9
18
(2.1)
9
(2.1)
S31
Attenuation in Receive Band
(1930.48 – 1989.52 MHz)
dB
44
44
64
44
S31
Attenuation, 0 – 1600 MHz
dB
30
30
51
30
S31
Attenuation in GPS Band
1565.42 – 1573.374 MHz
1573.374 – 1577.466 MHz
1577.466 – 1585.42 MHz
dB
40
45
40
40
45
40
49
49
49
40
45
40
S31
Attenuation in GLONASS Band
(1597.5515 – 1605.886 MHz)
dB
45
45
49
45
S31
Attenuation, 2110 – 2170 MHz
dB
30
30
61
30
S31
Attenuation in Bluetooth Band
(2400 – 2483.5 MHz)
dB
40
40
47
40
S31
Attenuation in Transmit 2nd
Harmonic Band (3700 – 3820 MHz)
dB
20
20
44
20
S31
Attenuation in Transmit 3rd
Harmonic Band (5550 – 5730 MHz)
dB
15
15
31
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com