Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1608EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1608EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Octal SMBus-to-Parallel I/O Expanders
_______________________________________________________________________________________
3
TIMING CHARACTERISTICS
(V+ = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Specifications from 0°C to -40°C are guaranteed by design, not production tested.
Note 2: For supply current, SMBus logic inputs driven to 0 or V+.
Note 3: Data hold and set-up times measured from falling edge of 9th clock.
Note 4: Must be driven to GND, V+, or floating. See SMBus Addressing section.
Note 5: The SMBus logic block is a static design and will work with clock frequencies down to DC. While slow operation is possible,
it violates the 10kHz minimum clock frequency and SMBus specifications and may use excessive space on the bus.
90% to 90% points
10% to 10% points
(Note 5)
10% or 90% of SMBDATA to 10% of SMBCLK
90% of SMBCLK to 10% of SMBDATA
10% of SMBDATA to 90% of SMBCLK
SMBCLK, SMBDATA; 10% to 90% points
SMBCLK, SMBDATA; 90% to 10% points
90% to 90% points
Master clocking in data
CONDITIONS
µs
3
SMBCLK Falling Edge to
SMBDATA Valid Time
µs
4
tHIGH
SMBCLK Clock High Time
µs
4.7
tLOW
kHz
DC
100
SMBus Clock Frequency
SMBCLK Clock Low Time
ns
300
tHD:DAT
SMBus Data Hold Time
ns
250
tSU:DAT
SMBus Data Valid to SMBCLK
Rising Edge Time
µs
4
tSU:STO
SMBus Stop-Condition Setup
Time
µs
4
tHD:STA
SMBus Start-Condition Hold
Time
µs
1
SMBus Rise Time
ns
300
SMBus Fall Time
µs
4.7
SMBus Start-Condition
Setup Time
ns
500
tSU:STA
SMBus Repeated Start-
Condition Setup Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
0
5.0
2.5
10.0
7.5
12.5
15.0
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
IOs = 1111 1111 PULLED UP TO +28V
IOs = 0000 0000
0
5.0
2.5
10.0
7.5
12.5
15.0
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
IOs = 1111 1111 PULLED UP TO +28V
IOs = 0000 0000
0
2
4
6
8
10
12
14
16
02
1
3456
IO_ SINK CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VIO_ = 1.0V
VIO_ = 0.4V
Typical Operating Characteristics
(V+ = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com