Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1642C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1642C/D
Description  High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1642C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1642C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1642C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Efficiency, Step-Up
DC-DC Converters for 1V Inputs
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
_______________Detailed Description
The MAX1642/MAX1643 each consist of an internal 1
Ω,
N-channel MOSFET power switch, a built-in synchro-
nous rectifier that acts as the catch diode, an oscillator,
a reference, and PFM control circuitry (Figure 1).
These devices are optimized for applications with
power-management features that operate from one
alkaline cell, such as pagers, remote controls, and bat-
tery-powered instruments. They are designed to meet
the specific demands of the operating states character-
istic of such systems:
1)
Primary battery is good and the load is active: In
this state, the system draws tens of milliamperes,
and the MAX1642/MAX1643 typically offer 80% effi-
ciency.
2)
Primary battery is good and the load is sleeping: In
this state, the load is drawing hundreds of microam-
peres, and the DC-DC converter IC draws very low
quiescent current. In many applications, the load is
expected to be in this state most of the time.
Operating Principle
The MAX1642/MAX1643 employ a proprietary pulse-
frequency-modulation (PFM) control scheme that com-
bines the ultra-low quiescent current traditional of
pulse-skipping PFM converters with the high-load effi-
ciency of pulse-width-modulation (PWM) converters.
The on-time and minimum off-times are varied as a
function of the input and output voltages:
where K is typically 25V-µs. This enables the
MAX1642/MAX1643 to maintain high efficiency over a
wide range of loads and input/output voltages. The DC-
DC converter is powered from the OUT pin.
t
=
K
V
t
=
1.2 x K
V
- V
ON
BATT
OFF(MIN)
OUT
BATT
6
7
8
4
—
5
2
1
MAX1643
Ground
GND
6
N-Channel MOSFET Switch Drain and P-Channel Synchronous-Rectifier Drain
LX
7
Power Output. Feedback input for fixed 3.3V operation and IC power input. Connect filter
capacitor close to OUT.
OUT
8
Open-Drain Power-Fail Output. Sinks current when PFI drops below 614mV.
PFO
3
Active-Low Shutdown Input. Connect to BATT for normal operation.
SHDN
4
Feedback Input for adjustable-output operation. Connect FB to an external resistor voltage
divider between OUT and GND. Connect to GND for fixed-output operation.
FB
5
Power-Fail Input. When the voltage on PFI drops below 614mV, PFO sinks current.
PFI
2
IC Battery-Power Input. Sense input for BATTLO comparator (MAX1643 only).
BATT
1
PIN
3
Open-Drain Battery-Low Output. When the voltage at BATT drops below 1V, BATTLO
sinks current.
BATTLO
—
MAX1642
FUNCTION
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com