Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35SCGQ030 Datasheet(PDF) 3 Page - International Rectifier

Part # 35SCGQ030
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

35SCGQ030 Datasheet(HTML) 3 Page - International Rectifier

  35SCGQ030 Datasheet HTML 1Page - International Rectifier 35SCGQ030 Datasheet HTML 2Page - International Rectifier 35SCGQ030 Datasheet HTML 3Page - International Rectifier 35SCGQ030 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
35SCGQ030
www.irf.com
3
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance Vs.
Reverse Voltage (Per Leg)
Fig. 1 - Max. Forward Voltage Drop
Characteristics (Per Leg)
0
10
20
30
Reverse Voltage -VR (V)
1000
10000
TJ = 25°C
0
10
20
30
Reverse Voltage - VR (V)
0.01
0.1
1
10
100
1000
125°C
75°C
25°C
100°C
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - V F (V)
1
10
100
Tj = -55°C
Tj = 125°C
Tj = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com