Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1672EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1672EEE
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1672EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Step-Up/Down DC-DC Converter
in QSOP Package
8
_______________________________________________________________________________________
__________________Design Procedure
Output Voltage Selection
For fixed output voltages of 3.3V or 5V, connect 3/5 to
PS or GND and connect FB to GND (Table 2).
Alternatively, adjust the output voltage from 1.25V to
5.5V by connecting two resistors, R1 and R2 (Figure 2),
which form a voltage divider between OUT and FB.
Choose resistor values as follows:
R1 = R2[(VOUT / VREF) -1]
where VREF = 1.25V. Since the input bias current at FB
has a maximum value of 50nA, R1 and R2 can be large
with no significant accuracy loss. Choose R2 in the
100k
Ω to 270kΩ range and calculate R1 using the
above formula. For 1% error, the current through R1
should be at least 100 times FB’s bias current.
Whenever the voltage at FB exceeds 70mV above
GND, the state of the 3/5 pin is ignored. Connect 3/5 to
GND when adjusting VOUT with a resistor divider. Never
leave 3/5 unconnected.
Low-Battery Detection
The MAX1672 contains a comparator for low-battery
detection. If the voltage at PGI falls below VREF (typical-
ly 1.25V), the open-drain comparator output (PGO)
goes high. Hysteresis is typically 30mV. Set the low-
battery detector’s threshold with resistors R3 and R4
(Figure 2) using the following equation:
R3 = R4[(VPGT / VREF) -1]
where VPGT is the desired threshold of the low-battery
detector and VREF = 1.25V. Since the input bias current
at PGI has a maximum value of 50nA, R3 and R4 can
be large to minimize input loading with no significant
accuracy loss. Choose R4 in the 100k
Ω to 270kΩ range
and calculate R3 using the above formula. For 1%
error, the current through R3 should be at least 100
times PGI’s bias current.
The PGO output is open-drain and should be pulled
high with external resistor R5 for normal operation. If the
low-battery comparator is not used, connect PGI and
PGO to GND.
Inductor Selection
A 10µH inductor performs well in most MAX1672 appli-
cations. Smaller inductor values typically offer a smaller
physical size for a given series resistance, but may
increase switching losses. Larger inductor values
exhibit higher output current capability and larger phys-
ical dimensions for a given series resistance. For opti-
mum performance, choose an inductor value from
Table 3 or by using the following equation:
where ILIM is the peak switch-current limit, which is
0.8A for ILIM = PS and 0.5A for ILIM = GND.
The inductor’s incremental saturation current rating
should also be greater than the peak switch-current
limit. However, it is generally acceptable to bias most
inductors into saturation by as much as 20% with slight-
ly reduced efficiency. The inductor’s DC resistance sig-
nificantly affects efficiency. See Tables 4 and 5 for a list
of suggested inductors and suppliers.
V
+ V
I
V
+ V
I
OUT
DIODE
LIM
IN(min)
SWITCH
LIM
(
)
<
< (
)
t
L
t
OFF
ON
2
(max)
MAX1672
IN
ONA
PGI
ONB
OFF
ON
C3
0.1
µF
C1
100
µF
C2
100
µF
R2
R1
R5
1M
C4
4.7
µF
R3
R4
L1
10
µH
PGND
GND
PS
1.25V TO
5.5V OUTPUT
INPUT
1.8V TO 11V
LOW-BATTERY-
DETECTOR
OUTPUT
OUT
PG0
FB
REF
LX
OFF
3/5
ILIM
0.8A
ON
0.5A
Figure 2. Adjustable Output Voltage Configuration
Table 2. Output Voltage Control
FB
VOUT (V)
0
GND
+5
1
GND
+3.3
3/5
5
X
>70mV
+1.25 to +5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com