Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6120 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6120
Description  Active Frequency Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6120 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AMMC-6120 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Idq
Drain Supply Current
mA
80
85
105
Vg
Gate Supply Operating Voltage
V
-1.5
-1.4
-1.0
qch-b
Thermal Resistance[2]
(Backside Temperature, Tb = 25°C)
°C/W
25
Notes:
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (qch-b) = 26°C/W at Tchannel (Tc) = 34°C as measured using infrared microscopy. Thermal Resistance at
backside temperature (Tb) = 25°C calculated from measured data.
AMMC-6120 RF Specifications [3,4,5]
TA = 25°C, Vdd = 5 V, Vg=-1.4V, Id(Q) = 85 mA, Zo = 50 Ω
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
Sigma
Fin
Input Frequency
GHz
4 to 10
Fout
Output Frequency
GHz
8 to 24
Po
Output Power[4]
dBm
10.5
14
0.6
Fo
Fundamental Isolation
dBc
18
25
1.8
(referenced to Po)
3Fo
3rd Harmonic Isolation
dBc
25
2.5
(referenced to Po)
P-1dB
Input Power at 1dB Gain Compression
dBm
+1
RLin
Input Return Loss[6]
dB
-15
RLout
Output Return Loss[6]
dB
-9
SSB
Single Sideband Phase Noise
DBc/Hz
-135
(100 KHz offset)
Notes:
3. Small/Large -signal data measured in wafer form TA = 25°C.
4. 100% on-wafer RF test is done at Pin = +3 dBm, output frequency = 10, 16, and 20 GHz.
5. Specifications are derived from measurements in a 50-W test environment. Aspects of the multiplier performance may be improved over a
more narrow bandwidth by application of additional matching.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com