Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1685EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1685EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1685EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX1684/MAX1685 step-down, pulse-width-modu-
lation (PWM) DC-DC converters provide an adjustable
output from 1.25V to the input voltage. They accept
inputs from 2.7V to 14V and deliver up to 1.6A. An inter-
nal MOSFET and synchronous rectifier reduce PC
board area while maintaining high efficiency. Operation
with up to 100% duty cycle minimizes dropout voltage.
Fixed-frequency PWM operation reduces interference
in sensitive communications and data-acquisition appli-
cations. A SYNC input allows synchronization to an
external clock. The MAX1684/MAX1685 can operate in
five modes. Setting the devices to operate in the appro-
priate mode for the intended application (Table 1)
achieves highest efficiency.
PWM Control
The MAX1684/MAX1685 use an oscillator-triggered min-
imum/maximum on-time current-mode control scheme
(Figure 2). The minimum on-time is typically 220ns
unless the regulator is in dropout. The maximum on-time
is 2 / fOSC, allowing operation to 100% duty cycle.
Current-mode feedback provides cycle-by-cycle current
limiting for superior load- and line-transient response.
At each falling edge of the internal oscillator, the inter-
nal P-channel MOSFET (main switch) turns on. This
allows current to ramp up through the inductor to the
load and stores energy in a magnetic field. The switch
remains on until either the current-limit comparator
trips, the maximum on-time expires, or the PWM com-
parator signals that the output is in regulation. When
the switch turns off during the second half of each
cycle, the inductor’s magnetic field collapses, releasing
the stored energy and forcing current through the out-
put diode to the output filter capacitor and load. The
output filter capacitor stores charge when the inductor
current is high and releases it when the inductor cur-
rent is low, smoothing the voltage across the load.
During normal operation, the MAX1684/MAX1685 regu-
late the output voltage by switching at a constant fre-
quency and modulating the power transferred to the
load on each cycle using the PWM comparator. A multi-
input comparator sums three weighted differential sig-
nals (the output voltage with respect to the reference,
the main switch current sense, and the slope-compen-
sation ramp) and changes states when a threshold is
reached. It modulates output power by adjusting the
MAX1685
LX
13, 14
L
10
µH*
MBRS
130LT3
16
5
12
7
IN
CVH
AIN
PGND
AGND
OUTPUT
3.3V AT 1A
*SUMIDA
CD54-100;
USE 22
µH FOR MAX1684
INPUT
14V MAX
BOOT
FB
SHDN
CVL
4
15
2
3
1
11
1
µF
0.1
µF
0.1
µF
22
µF
COUT
100
µF
0.1
µF
0.1
µF
0.01
µF
ON/OFF
9
STBY
SYNC/PWM
ILIM/SS
CC
6
8
10
REF
(OPTIONAL)
Figure 1. Standard Application Circuit
Table 1. Operating Modes
Fixed-Frequency PWM
H
PWM
MODE
FUNCTION
SYNC/PWM
H
STBY
H
SHDN
1.6A
TYPICAL
OUTPUT
CAPABILITY
H
H
1.6A
Fixed-Input Clock-Frequency PWM
Clocked
Sync PWM
H
H
1.6A
PFM at light loads (<150mA). Fixed-
frequency PWM at heavy loads (>150mA).
L
Normal
L
H
160mA
Low-Power or Standby Mode.
X
Low Power
X
L
0
Circuit Disabled
X
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com